Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STR712FR0
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STR712FR0 Datasheet HTML 49Page - STMicroelectronics STR712FR0 Datasheet HTML 50Page - STMicroelectronics STR712FR0 Datasheet HTML 51Page - STMicroelectronics STR712FR0 Datasheet HTML 52Page - STMicroelectronics STR712FR0 Datasheet HTML 53Page - STMicroelectronics STR712FR0 Datasheet HTML 54Page - STMicroelectronics STR712FR0 Datasheet HTML 55Page - STMicroelectronics STR712FR0 Datasheet HTML 56Page - STMicroelectronics STR712FR0 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
STR71xFxx STR710RZ
Electrical parameters
Doc ID 10350 Rev 13
53/80
Output driving current
Subject to general operating conditions for V33 and TA unless otherwise specified.
Notes:
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 9 and the sum of
IIO (I/O ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Table 9 and the
sum of IIO (I/O ports and control pins) must not exceed IV33.
Figure 21.
Typical VOL and VOH at V33=3.3V (high current ports)
Table 28.
Output driving current
I/O
type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
IIO=+4mA
0.4
V
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-4mA
V33-0.8
VOL
1)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
IIO=+8mA
0.4
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-8mA
V33-0.8
3.01
3.02
3.03
3.04
3.05
3.06
3.07
3.08
3.09
-4
-8
Ioh (mA)
TA=-45°C
TA=0°C
TA=+25°C
TA=+90°C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-4
-8
Iol (mA)
TA=-45°C
TA=0°C
TA=+25°C
TA=+90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com