Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STR712FR0
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STR712FR0 Datasheet HTML 6Page - STMicroelectronics STR712FR0 Datasheet HTML 7Page - STMicroelectronics STR712FR0 Datasheet HTML 8Page - STMicroelectronics STR712FR0 Datasheet HTML 9Page - STMicroelectronics STR712FR0 Datasheet HTML 10Page - STMicroelectronics STR712FR0 Datasheet HTML 11Page - STMicroelectronics STR712FR0 Datasheet HTML 12Page - STMicroelectronics STR712FR0 Datasheet HTML 13Page - STMicroelectronics STR712FR0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
System architecture
STR71xFxx STR710RZ
10/80
Doc ID 10350 Rev 13
Realtime clock (RTC)
The RTC provides a set of continuously running counters driven by the 32 kHz external
crystal. The RTC can be used as a general timebase or clock/calendar/alarm function.
When the STR71x is in Standby mode the RTC can be kept running, powered by the low
power voltage regulator and driven by the 32 kHz external crystal.
UARTs
The 4 UARTs allow full duplex, asynchronous, communications with external devices with
independently programmable TX and RX baud rates up to 1.25 Mb/s.
Smartcard interface
UART1 is configurable to function either as a general purpose UART or as an asynchronous
Smartcard interface as defined by ISO 7816-3. It includes Smartcard clock generation and
provides support features for synchronous cards.
Buffered serial peripheral interfaces (BSPI)
Each of the two SPIs allow full duplex, synchronous communications with external devices,
master or slave communication at up to 5.5 Mb/s in Master mode and 4 Mb/s in Slave mode.
I2C interfaces
The two I2C Interfaces provide multi-master and slave functions, support normal and fast
I2C mode (400 kHz) and 7 or 10-bit addressing modes.
One I2C Interface is multiplexed with one SPI, so either 2xSPI+1x I2C or 1xSPI+2x I2C may
be used at a time.
HDLC interface
The High Level Data Link Controller (HDLC) unit supports full duplex operation and NRZ,
NRZI, FM0 or MANCHESTER protocols. It has an internal 8-bit baud rate generator.
A/D converter
The Analog to Digital Converter, converts in single channel or up to 4 channels in single-
shot or round robin mode. Resolution is 12-bit with a sampling frequency of up to 1 kHz. The
input voltage range is 0-2.5V.
Watchdog
The 16-bit Watchdog Timer protects the application against hardware or software failures
and ensures recovery by generating a reset.
I/O ports
The 48 I/O ports are programmable as Inputs or Outputs.
External interrupts
Up to 14 external interrupts are available for application use or to wake up the application
from STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com