Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STR712FR0
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STR712FR0 Datasheet HTML 72Page - STMicroelectronics STR712FR0 Datasheet HTML 73Page - STMicroelectronics STR712FR0 Datasheet HTML 74Page - STMicroelectronics STR712FR0 Datasheet HTML 75Page - STMicroelectronics STR712FR0 Datasheet HTML 76Page - STMicroelectronics STR712FR0 Datasheet HTML 77Page - STMicroelectronics STR712FR0 Datasheet HTML 78Page - STMicroelectronics STR712FR0 Datasheet HTML 79Page - STMicroelectronics STR712FR0 Datasheet HTML 80Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
Ordering information
STR71xFxx STR710RZ
76/80
Doc ID 10350 Rev 13
7
Ordering information
Figure 49.
STR71xF ordering information scheme
1.
For a list of available options (e.g. memory size, package) and orderable part numbers or for
further information on any aspect of this device, please go to www.st.com or contact the ST Sales Office
nearest to you.
STR71
0
FZ1
T
6
Product class
STR71x microcontroller
Pin count
R = 64 pins
Z = 144 pins
Package type
H = LFBGA
T = LQFP
Example:
Peripheral set
0 = full peripheral set
1 = No EMI, no CAN
2 = No EMI, no USB
5 = No EMI, no USB, no CAN
Temperature range
1 = 0 °C to 70 °C
3 = -40 °C to 125 °C
6 = -40 °C to 85 °C
Program memory size
0 = 64+16K
1 = 128+16K
2 = 256+16K
no character = 0K
Packing
no character = tray or tube
TR = tape and reel
Program memory type
F = Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com