Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STR712FR0
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STR712FR0 Datasheet HTML 52Page - STMicroelectronics STR712FR0 Datasheet HTML 53Page - STMicroelectronics STR712FR0 Datasheet HTML 54Page - STMicroelectronics STR712FR0 Datasheet HTML 55Page - STMicroelectronics STR712FR0 Datasheet HTML 56Page - STMicroelectronics STR712FR0 Datasheet HTML 57Page - STMicroelectronics STR712FR0 Datasheet HTML 58Page - STMicroelectronics STR712FR0 Datasheet HTML 59Page - STMicroelectronics STR712FR0 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
Electrical parameters
STR71xFxx STR710RZ
56/80
Doc ID 10350 Rev 13
4.3.6
TIM timer characteristics
Subject to general operating conditions for V33, fMCLK, and TA unless otherwise
specified.
Refer to Section 4.3.5: I/O port pin characteristics on page 51 for more details on
the input/output alternate function characteristics (output compare, input capture,
external clock, PWM output...).
4.3.7
EMI - external memory interface
Subject to general operating conditions for VDD, fHCLK, and TA unless otherwise specified.
The tables below use a variable which is derived from the EMI_BCONn registers (described
in the STR71x Reference Manual) and represents the special characteristics of the
programmed memory cycle.
Table 30.
TIM characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(ICAP)in
Input capture pulse time
2
tCK_TIM
tres(TIM)
Timer resolution time
1
tPCLK2
fPCLK2 = 30 MHz
33.3
ns
fEXT
Timer external clock
frequency
fCK_TIM(MAX) =
fMCLK
0
fCK_TIM/4
MHz
fCK_TIM = fMCLK =
60 MHz
015
MHz
ResTIM
Timer resolution
16
bit
tCOUNTER
16-bit Counter clock period
when internal clock is
selected
1
65536
tPCLK2
fPCLK2 = 30 MHz
0.033
2184
µs
TMAX_COUNT Maximum Possible Count
65536x
65536
tPCLK
fPCLK2 = 30 MHz
143.1
s
Table 31.
EMI general characteristics
Symbol
Parameter
Value
tMCLK
CPU clock period
1 / fMCLK
tC
Memory cycle time wait states
tMCLK x (1 + [C_LENGTH])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com