Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STR712FR0
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STR712FR0 Datasheet HTML 53Page - STMicroelectronics STR712FR0 Datasheet HTML 54Page - STMicroelectronics STR712FR0 Datasheet HTML 55Page - STMicroelectronics STR712FR0 Datasheet HTML 56Page - STMicroelectronics STR712FR0 Datasheet HTML 57Page - STMicroelectronics STR712FR0 Datasheet HTML 58Page - STMicroelectronics STR712FR0 Datasheet HTML 59Page - STMicroelectronics STR712FR0 Datasheet HTML 60Page - STMicroelectronics STR712FR0 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
STR71xFxx STR710RZ
Electrical parameters
Doc ID 10350 Rev 13
57/80
See Figure 25, Figure 26, Figure 27 and Figure 28 for related timing diagrams.
1. Data based on characterisation results, not tested in production.
See Figure 29, Figure 30, Figure 31 and Figure 32 for related timing diagrams.
1. Data based on characterisation results, not tested in production.
Table 32.
EMI read operation
Symbol
Parameter
Test Conditions
Value
Unit
Min1)
Typ
Max1)
tRCR
Read to CSn Removal Time
MCLK=50 MHz
4 wait states
50 pf load on all pins
19
tMCLK
21
ns
tRP
Read Pulse Time
98
tC
100
ns
tRDS
Read Data Setup Time
22
ns
tRDH
Read Data Hold Time
0
ns
tRAS
Read Address Setup Time
27
1.5*tM
CLK
33
ns
tRAH
Read Address Hold Time
0.65
2
ns
tRAT
Read Address Turnaround
Time
1.9
3.25
ns
tRRT
RDn Turnaround Time
20
tMCLK
21
ns
Table 33.
EMI write operation
Symbol
Parameter
Test conditions
Value
Unit
Min1)
Typ
Max1)
tWCR
WEn to CSn Removal Time
MCLK=50 MHz
3 wait states
50 pf load on all pins
20
tMCLK
22.5
ns
tWP
Write Pulse Time
77.5
tC
80
ns
tWDS1
Write Data Setup Time 1
97
tC +
tMCLK
100
ns
tWDS2
Write Data Setup Time 2
77
tC
80
ns
tWDH
Write Data Hold Time
20
tMCLK
23
ns
tWAS
Write Address Setup Time
27
1.5*tMCLK
33
ns
tWAH
Write Address Hold Time
0.6
3
ns
tWAT
Write Address Turnaround
Time
1.75
4.1
ns
tWWT
WEn Turnaround Time
20
tMCLK
23
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com