Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STR712FR0
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STR712FR0 Datasheet HTML 31Page - STMicroelectronics STR712FR0 Datasheet HTML 32Page - STMicroelectronics STR712FR0 Datasheet HTML 33Page - STMicroelectronics STR712FR0 Datasheet HTML 34Page - STMicroelectronics STR712FR0 Datasheet HTML 35Page - STMicroelectronics STR712FR0 Datasheet HTML 36Page - STMicroelectronics STR712FR0 Datasheet HTML 37Page - STMicroelectronics STR712FR0 Datasheet HTML 38Page - STMicroelectronics STR712FR0 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
STR71xFxx STR710RZ
Electrical parameters
Doc ID 10350 Rev 13
35/80
4.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 8.
Voltage characteristics
Symbol
Ratings
Min
Max
Unit
V33- VSS
External 3.3V Supply voltage
(including AVDD and V33IO-
PLL)
2)
-0.3
4.0
V
V18BKP - VSSBKP
Digital 1.8V Supply voltage
on V18BKP backup supply
2)
-0.3
2.0
VIN
Input voltage on true open
drain pin (P0.10) 1)
V
SS-0.3
+5.5
Input voltage on any other pin
1)
V
SS-0.3
V
33+0.3
|
ΔV33x|
Variations between different
3.3V power pins
50
50
mV
|
ΔV18x|
Variations between different
1.8V power pins 5)
25
25
|VSSX - VSS|
Variations between all the
different ground pins
50
50
VESD(HBM)
Electro-static discharge
voltage (Human Body Model)
see : Absolute maximum ratings
(electrical sensitivity) on page 49
VESD(MM)
Electro-static discharge
voltage (Machine Model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com