Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F39 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
Rev. 1.10
8
July 01, 2016
Rev. 1.10
9
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Pin Name
Function
OPT
I/T
O/T
Descriptions
OP1N
A1N
—
OPAI
—
OPA1 Negative input
OP1O
A1O
—
—
OPAO OPA1 Output
VCM
VCM
—
AN
—
VCM reference voltage input
VDD
VDD
—
PWR
—
Power supply
VSS
VSS
—
PWR
—
Ground
Note:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyregisteroption
PWR:Power
ST:SchmittTriggerinput
CMOS:CMOSoutput;
OPAI:OperationalAmplifierinput
OPAO:OperationalAmplifieroutput
Absolute Maximum Ratings
MCUSupplyVoltage......................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS-0.3VtoVDD+0.3V
IOLTotal
.................................................................................................. 150mA
TotalPowerDissipation........................................................................................................ 500mW
StorageTemperature..................................................................................................-50°Cto150°C
OperatingTemperature................................................................................................-40°Cto85°C
IOHTotal
..................................................................................................-80mA
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"Absolute
MaximumRatings"maycausesubstantialdamagetothedevices.Functionaloperationof
thesedevicesatotherconditionsbeyondthoselistedinthespecificationisnotimpliedand
prolongedexposuretoextremeconditionsmayaffectdevicesreliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com