| Electronic Components Datasheet Search |
|
HT45F39 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F39 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 102 page ![]() Rev. 1.10 2 July 01, 2016 Rev. 1.10 3 July 01, 2016 HT45F39/HT45F391 Ultrasonic Distance Measurement 8-bit Flash MCU HT45F39/HT45F391 Ultrasonic Distance Measurement 8-bit Flash MCU Oscillators and Operating Modes ................................................................ 32 Internal High Speed Oscillator – HIRC.................................................................................. 32 Internal Low Speed Oscillator – LIRC................................................................................... 32 System Operation Modes...................................................................................................... 32 Standby Current Considerations........................................................................................... 33 Wake-up................................................................................................................................ 33 Programming Considerations................................................................................................ 33 Watchdog Timer............................................................................................. 34 Watchdog Timer Clock Source.............................................................................................. 34 Watchdog Timer Control Register ......................................................................................... 34 Watchdog Timer Operation ................................................................................................... 35 Reset and Initialisation.................................................................................. 36 Reset Overview..................................................................................................................... 36 Reset Functions .................................................................................................................... 36 Reset Initial Conditions ......................................................................................................... 39 Input/Output Ports ........................................................................................ 42 I/O Register List .................................................................................................................... 42 Pull-high Resistors ................................................................................................................ 42 Port A Wake-up ..................................................................................................................... 43 I/O Port Control Registers..................................................................................................... 43 I/O Pin Structures.................................................................................................................. 43 Programming Considerations................................................................................................ 44 Timer Modules – TM ...................................................................................... 45 Introduction ........................................................................................................................... 45 TM Operation ........................................................................................................................ 46 TM Clock Source................................................................................................................... 46 TM Interrupts......................................................................................................................... 46 TM External Pins................................................................................................................... 46 Programming Considerations................................................................................................ 47 Compact Type TM – CTM .............................................................................. 48 Compact TM Operation......................................................................................................... 48 Compact Type TM Register Description................................................................................ 49 Compact Type TM Operating Modes .................................................................................... 52 Compare Match Output Mode............................................................................................... 52 Timer/Counter Mode ............................................................................................................. 55 PWM Output Mode................................................................................................................ 55 Operational Amplifiers .................................................................................. 58 Switch-Capacitor Filter – SCF............................................................................................... 58 A/D Converter................................................................................................. 59 A/D Overview ........................................................................................................................ 59 A/D Converter Register Description...................................................................................... 59 A/D Converter Data Register – ADR..................................................................................... 60 A/D Converter Conterl Registers – ADCR0, ADCR1, ACERL............................................... 60 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |