| Electronic Components Datasheet Search |
|
HT45F39 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F39 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 102 page ![]() Rev. 1.10 2 July 01, 2016 Rev. 1.10 3 July 01, 2016 HT45F39/HT45F391 Ultrasonic Distance Measurement 8-bit Flash MCU HT45F39/HT45F391 Ultrasonic Distance Measurement 8-bit Flash MCU Table of Contents Features............................................................................................................ 5 CPU Features ......................................................................................................................... 5 Peripheral Features................................................................................................................. 5 General Description......................................................................................... 6 Selection Table................................................................................................. 6 Block Diagram.................................................................................................. 7 Pin Assignment................................................................................................ 7 Pin Descriptions .............................................................................................. 8 Absolute Maximum Ratings............................................................................ 9 D.C. Characteristics....................................................................................... 10 A.C. Characteristics....................................................................................... 10 A/D Characteristics.........................................................................................11 Shunt Regulator Electrical Characteristics − HT45F39 Only......................11 SCF Electrical Characteristics...................................................................... 13 Op Amplifier Electrical Characteristics ....................................................... 13 Power-on Reset Characteristics................................................................... 13 System Architecture...................................................................................... 14 Clocking and Pipelining......................................................................................................... 14 Program Counter................................................................................................................... 15 Stack ..................................................................................................................................... 16 Arithmetic and Logic Unit – ALU ........................................................................................... 16 Flash Program Memory................................................................................. 17 Structure................................................................................................................................ 17 Look-up Table........................................................................................................................ 18 Table Program Example........................................................................................................ 18 In Circuit Programming – ICP ............................................................................................... 19 On-Chip Debug Support – OCDS ......................................................................................... 20 In Application Programming – IAP ........................................................................................ 21 Data Memory .................................................................................................. 28 Structure................................................................................................................................ 28 Special Function Register Description........................................................ 29 Indirect Addressing Registers – IAR0, IAR1 ......................................................................... 29 Memory Pointers – MP0, MP1 .............................................................................................. 29 Accumulator – ACC............................................................................................................... 30 Program Counter Low Register – PCL.................................................................................. 30 Look-up Table Registers – TBLP, TBLH................................................................................ 30 Status Register – STATUS.................................................................................................... 30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |