Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F39 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
Rev. 1.10
36
July 01, 2016
Rev. 1.10
37
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Reset and Initialisation
Aresetfunctionisafundamentalpartofanymicrocontrollerensuringthatthedevicescanbesetto
somepredeterminedconditionirrespectiveofoutsideparameters.Ahardwareresetwillofcoursebe
automaticallyimplementedafterthedevicesarepowered-on,howeverthereareanumberofother
hardwareandsoftwareresetsourcesthatcanbeimplementeddynamicallywhenthedevicesarerunning.
Reset Overview
Themostimportantresetconditionisafterpowerisfirstappliedtothemicrocontroller.Inthiscase,
internalcircuitrywillensurethatthemicrocontroller,afterashortdelay,willbeinawelldefined
stateandreadytoexecutethefirstprograminstruction.Afterthispower-onreset,certainimportant
internalregisterswillbesettodefinedstatesbeforetheprograminstructionscommenceexecution.
OneoftheseregistersistheProgramCounter,whichwillberesettozeroforcingthemicrocontroller
tobeginprogramexecutionfromthelowestProgramMemoryaddress.
Thedevicesprovideseveralresetsourcestogeneratetheinternalresetsignal,providingextended
MCUprotection.Thedifferenttypesofresetsarelistedintheaccompanyingtable.
Reset Name
Abbreviation Indication Bit
Register
Notes
Power-On Reset
POR
—
—
Auto generated at power on
Low-Voltage Reset
LVR
LVRF
CTRL
Low VDD voltage
LVRC Register
Setting Sofe Reset
—
LRF
CTRL
Write to LVRC register
Watchdog Reset
WDT
TO
STATUS
WDT time-out
WDTC Register
Setting Software
Reset
—
WRF
CTRL
Write to WDTC register
Reset Source Summary
Inadditiontothepower-onreset,situationsmayarisewhereitisnecessarytoforcefullyapplya
resetconditionwhenthemicrocontrollerisrunning.AnothertypeofresetiswhentheWatchdog
Timeroverflowsandresetsthemicrocontroller.Alltypesofresetoperationsresultindifferent
registerconditionsbeingsetup.AnotherresetexistsintheformofaLowVoltageReset,LVR,where
afullreset,similartothepowersupplyvoltagefallsbelowacertainthreshold.
Reset Functions
Thereareseveralwaysinwhichamicrocontrollerresetcanoccur,througheventsoccurringboth
internallyandexternally:
Power-on Reset
Themostfundamentalandunavoidableresetistheonethatoccursafterpowerisfirstappliedto
themicrocontroller.AswellasensuringthattheProgramMemorybeginsexecutionfromthefirst
memoryaddress,apower-onresetalsoensuresthatcertainotherregistersarepresettoknown
conditions.AlltheI/Oportandportcontrolregisterswillpowerupinahighconditionensuringthat
allpinswillbefirstsettoinputs.
VDD
Power-on
Reset
SST Time-out
t
RSTD
Note:tRSTDispower-ondelay,typicaltime=100ms
Power-On Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com