Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F39 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
Rev. 1.10
42
July 01, 2016
Rev. 1.10
43
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPModewhichpreservespower,
afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethodsexistto
wake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePortA
pinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenupvia
externalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeatureusing
thePAWKregister.
PAWK Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PAWK:PortAbit7~bit0Wake-upControl
0:Disable
1:Enable
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC~PBC,tocontroltheinput/output
configuration.Withthiscontrolregister,eachCMOSoutputorinputcanbereconfigured
dynamicallyundersoftwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoabitinits
associatedportcontrolregister.FortheI/Opintofunctionasaninput,thecorrespondingbitofthe
controlregistermustbewrittenasa"1".Thiswillthenallowthelogicstateoftheinputpintobe
directlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa"0",
theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructions
canstillbeusedtoreadtheoutputregister.
However,itshouldbenotedthattheprogramwillinfactonlyreadthestatusoftheoutputdatalatch
andnottheactuallogicstatusoftheoutputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PBC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
D2
D1
D0
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
1
1
1
I/O Pin Structures
TheaccompanyingdiagramillustratestheinternalstructuresofsomegenericI/Opintypes.As
theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa
guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared
structuresdoesnotpermitalltypestobeshown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com