Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 160 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 160 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 156Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 157Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 158Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 159Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 160Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 164Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 190 page
background image
Rev. 1.10
1�0
De�e��e� 1�� �01�
Rev. 1.10
1�1
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Body Fat Measurement Function
Thebodyfatcircuitconsistsofasinewavegenerator,anamplifierandafilter.Thecircuithasbeen
designedformaximumflexibilityandhasahighdegreeoffunctionalintegrationtoimplementa
bodyfatmeasurementfunction.ThecircuitispoweredbytheLDO.
Sine Wave Generator
Thesinewavegeneratorconsistsofafrequencydivider,counter,RAM,10-bitDACandOP0.The
circuitcangenerateasinewaveoutputwithafrequencyrangeof5kHz~200kHzusinga32×9
bitRAMforthesinewavepatternsimulation.ThefrequencydividerwillmultiplybyDN/Mto
generateaclockforthecounter.Thefollowingpointsmustbenotedtounderstandhowthesine
waveisgenerated:
• Systemclock/M=sinewavefrequency
• Systemclock×(DN/M)=thecountrateofthecounter
• MmustbeamultipleofNand8
• M=N×DN
• DNR=DN/2
• DN:sinewavecycledatanumericalvalue(DN≤64)
• DNR:thedatanumericalvalueofthe1/2sinewavecyclestoredinRAM(DNR≤32)
Refertothefollowingtableandfigureformoredetails.
System Frequency
4.8MHz
9.6MHz
14.4MHz
The frequency of
sine wave(kHz)
200 100
50
5
200 100
50
5
200 100
50
5
M
��
�8
9�
9�0
�8
9�
19� 19�0 7�
1�� �88 �880
N
1
1
�
�0
1
�
�
�0
3
3
�
�0
DN
��
�8
�8
�8
�8
�8
�8
�8
��
�8
�8
�8
DNR
1�
��
��
��
��
��
��
��
1�
��
��
��
P0
P1
P�
-51�
511
0
PDNR-1
PDNR-�
PDNR-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com