Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 162 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 162 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 158Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 159Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 160Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 166Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 190 page
background image
Rev. 1.10
1��
De�e��e� 1�� �01�
Rev. 1.10
1�3
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
SGC Register
Bit
7
6
5
4
3
2
1
0
Na�e
SGEN
—
—
BREN
—
—
—
—
R/W
R/W
—
—
R/W
—
—
—
—
POR
0
—
—
0
—
—
—
—
Bit7
SGEN:sinegeneratorenablebit
0:Disable
1:Enable
Whenthisbitisequalto“0”,theOP0and10-bitDACwillbeinapowerdownmode.
Bit6~5
Unimplemented,readas“0”
Bit4
BREN:Biasresistorenablebit
0:Disable-powerdownmode
1:Enable-normalmode
Whenthisbitisenabled,itwillgeneratea0.5×AVDDvoltageforthenon-inverting
inputofOPA1andOPA2.
Bit3~0
Unimplemented,readas“0”
SGN Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
D5
D�
D3
D�
D1
D0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas“0”
Bit5~0
D5~D0:SineGeneratorData
Systemfrequencymultiplicator,N,isequaltoD[5:0]+1.
SGDNR Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
D�
D3
D�
D1
D0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas“0”
Bit4~0
D4~D0:DataNumberofSample
1/2sinewavecyclenumericalvalueisstoredinRAMSector2.DNRisequalto
D[4:0]+1.
Amplifier
TheamplifierconsistsofOP1,OP2,a6-bitDACandanalogswitches.OP2isadifferentialamplifier
with1~5multiplegain.The6-bitDACoffersareferencevoltagetothenon-invertinginputofOP2.
Theusercanturnonandoffswitch0to7toobtainareferenceresistorvoltageandabodyresistor
voltage.
ThebodyandreferenceimpedancecanbeobtainedbyusingtheSW0~SW7switches.Referto
followingtableforthisimpedanceswitching.
Switch
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
Foot I�pedan�e
O
O
O
Reference 1kΩ
O
O
O
Reference 200Ω
O
O
O
O: Swit�h is on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com