Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 165 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 165 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 169Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 190 page
background image
Rev. 1.10
1��
De�e��e� 1�� �01�
Rev. 1.10
1�5
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Configuration Options
ConfigurationoptionsrefertocertainoptionswithintheMCUthatareprogrammedintothedevice
duringtheprogrammingprocess.Duringthedevelopmentprocess,theseoptionsareselectedusing
theHT-IDEsoftwaredevelopmenttools.Astheseoptionsareprogrammedintothedeviceusing
thehardwareprogrammingtools,oncetheyareselectedtheycannotbechangedlaterusingthe
applicationprogram.Alloptionsmustbedefinedforpropersystemfunction,thedetailsofwhichare
showninthetable.
No.
Options
Oscillator Options
1
High Speed Syste� Os�illato� Sele�tion — fH:
1. HXT
�. HIRC
�
HIRC F�equen�y Sele�tion:
1. �.8MHz
�. 9.�MHz
3. 1�.�MHz
3
Low Speed Syste� Os�illato� Sele�tion — fSUB:
1. LXT
�. LIRC
Watchdog Timer Options
�
WDT fun�tion:
1. Always ena�led
�. Cont�olled �y WDT Cont�ol Registe�
5
WDT Clo�k Sele�tion — fS:
1. fSUB
�. fSYS/�
Application Circuits
TO
CP0N
RFC
VDD
PB3/XT1
PB�/XT�
VSS
10�
51k
33k
10�
10uF
VDD
AVDD
100k
10�
VCM
AN0
AN1
VREFP
VREFN
AVDD
AN�
AN3
AVSS
105
AVDD
10�
10�
HT45F75
1K
1K
1K
1K
SIN
FVL
FIL
RF1
FVR
FIR
RF�
10�
�.7k
1k
�00
33k
33k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com