Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 168 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 168 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 171Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 172Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 190 page
background image
Rev. 1.10
1�8
De�e��e� 1�� �01�
Rev. 1.10
1�9
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Instruction Set Summary
Theinstructionsrelatedtothedatamemoryaccessinthefollowingtablecanbeusedwhenthe
desireddatamemoryislocatedinDataMemorysector0.
Table Conventions
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
ADD A�[�]
Add Data Me�o�y to ACC
1
Z� C� AC� OV� SC
ADDM A�[�]
Add ACC to Data Me�o�y
1Note
Z� C� AC� OV� SC
ADD A�x
Add i��ediate data to ACC
1
Z� C� AC� OV� SC
ADC A�[�]
Add Data Me�o�y to ACC with Ca��y
1
Z� C� AC� OV� SC
ADCM A�[�]
Add ACC to Data �e�o�y with Ca��y
1Note
Z� C� AC� OV� SC
SUB A�x
Su�t�a�t i��ediate data f�o� the ACC
1
Z� C� AC� OV� SC� CZ
SUB A�[�]
Su�t�a�t Data Me�o�y f�o� ACC
1
Z� C� AC� OV� SC� CZ
SUBM A�[�]
Su�t�a�t Data Me�o�y f�o� ACC with �esult in Data Me�o�y
1Note Z� C� AC� OV� SC� CZ
SBC A�x
Su�t�a�t i��ediate data f�o� ACC with Ca��y
1
Z� C� AC� OV� SC� CZ
SBC A�[�]
Su�t�a�t Data Me�o�y f�o� ACC with Ca��y
1
Z� C� AC� OV� SC� CZ
SBCM A�[�]
Su�t�a�t Data Me�o�y f�o� ACC with Ca��y� �esult in Data Me�o�y
1Note Z� C� AC� OV� SC� CZ
DAA [�]
De�i�al adjust ACC fo� Addition with �esult in Data Me�o�y
1Note
C
Logic Operation
AND A�[�]
Logi�al AND Data Me�o�y to ACC
1
Z
OR A�[�]
Logi�al OR Data Me�o�y to ACC
1
Z
XOR A�[�]
Logi�al XOR Data Me�o�y to ACC
1
Z
ANDM A�[�]
Logi�al AND ACC to Data Me�o�y
1Note
Z
ORM A�[�]
Logi�al OR ACC to Data Me�o�y
1Note
Z
XORM A�[�]
Logi�al XOR ACC to Data Me�o�y
1Note
Z
AND A�x
Logi�al AND i��ediate Data to ACC
1
Z
OR A�x
Logi�al OR i��ediate Data to ACC
1
Z
XOR A�x
Logi�al XOR i��ediate Data to ACC
1
Z
CPL [�]
Co�ple�ent Data Me�o�y
1Note
Z
CPLA [�]
Co�ple�ent Data Me�o�y with �esult in ACC
1
Z
Increment & Decrement
INCA [�]
In��e�ent Data Me�o�y with �esult in ACC
1
Z
INC [�]
In��e�ent Data Me�o�y
1Note
Z
DECA [�]
De��e�ent Data Me�o�y with �esult in ACC
1
Z
DEC [�]
De��e�ent Data Me�o�y
1Note
Z
Rotate
RRA [�]
Rotate Data Me�o�y �ight with �esult in ACC
1
None
RR [�]
Rotate Data Me�o�y �ight
1Note
None
RRCA [�]
Rotate Data Me�o�y �ight th�ough Ca��y with �esult in ACC
1
C
RRC [�]
Rotate Data Me�o�y �ight th�ough Ca��y
1Note
C
RLA [�]
Rotate Data Me�o�y left with �esult in ACC
1
None
RL [�]
Rotate Data Me�o�y left
1Note
None
RLCA [�]
Rotate Data Me�o�y left th�ough Ca��y with �esult in ACC
1
C
RLC [�]
Rotate Data Me�o�y left th�ough Ca��y
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com