Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 169 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 169 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 171Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 172Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 173Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 190 page
background image
Rev. 1.10
1�8
De�e��e� 1�� �01�
Rev. 1.10
1�9
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Mnemonic
Description
Cycles Flag Affected
Data Move
MOV A�[�]
Move Data Me�o�y to ACC
1
None
MOV [�]�A
Move ACC to Data Me�o�y
1Note
None
MOV A�x
Move i��ediate data to ACC
1
None
Bit Operation
CLR [�].i
Clea� �it of Data Me�o�y
1Note
None
SET [�].i
Set �it of Data Me�o�y
1Note
None
Branch Operation
JMP add�
Ju�p un�onditionally
�
None
SZ [�]
Skip if Data Me�o�y is ze�o
1Note
None
SZA [�]
Skip if Data Me�o�y is ze�o with data �ove�ent to ACC
1Note
None
SZ [�].i
Skip if �it i of Data Me�o�y is ze�o
1Note
None
SNZ [�]
Skip if Data Me�o�y is not ze�o
1Note
None
SNZ [�].i
Skip if �it i of Data Me�o�y is not ze�o
1Note
None
SIZ [�]
Skip if in��e�ent Data Me�o�y is ze�o
1Note
None
SDZ [�]
Skip if de��e�ent Data Me�o�y is ze�o
1Note
None
SIZA [�]
Skip if in��e�ent Data Me�o�y is ze�o with �esult in ACC
1Note
None
SDZA [�]
Skip if de��e�ent Data Me�o�y is ze�o with �esult in ACC
1Note
None
CALL add�
Su��outine �all
�
None
RET
Retu�n f�o� su��outine
�
None
RET A�x
Retu�n f�o� su��outine and load i��ediate data to ACC
�
None
RETI
Retu�n f�o� inte��upt
�
None
Table Read Operation
TABRD [�]
Read table (specific page) to TBLH and Data Memory
�Note
None
TABRDL [�] Read ta�le (last page) to TBLH and Data Me�o�y
�Note
None
ITABRD [�] Increment table pointer TBLP first and Read table to TBLH and Data Memory �Note
None
ITABRDL [�] Increment table pointer TBLP first and Read table (last page) to TBLH and
Data Me�o�y
�Note
None
Miscellaneous
NOP
No ope�ation
1
None
CLR [�]
Clea� Data Me�o�y
1Note
None
SET [�]
Set Data Me�o�y
1Note
None
CLR WDT
Clea� Wat�hdog Ti�e�
1
TO� PDF
SWAP [�]
Swap ni��les of Data Me�o�y
1Note
None
SWAPA [�] Swap ni��les of Data Me�o�y with �esult in ACC
1
None
HALT
Ente� powe� down �ode
1
TO� PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthenuptothreecyclesarerequired,if
noskiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT”instructiontheTOandPDFflagsmaybeaffectedbytheexecutionstatus.TheTO
andPDFflagsareclearedafterthe“CLRWDT”instructionsisexecuted.OtherwisetheTOandPDF
flagsremainunchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com