Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 161 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 161 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 157Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 158Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 159Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 160Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 165Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 190 page
background image
Rev. 1.10
1�0
De�e��e� 1�� �01�
Rev. 1.10
1�1
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
OnlyahalfsinewavepatternP0~PDNR-1isgeneratedwhichisstoredinRAMSector2withan
addressrangeof80H~BFH.Thesinewavepatterndatabits[7:0]arestoredwithevenaddresses
whilethesinewavepatterndatabit[8]isstoredwithanoddaddress.Oncethesinewavegenerator
isenabled,theCPUwillnotbeabletowriteorreaddatato/fromthisRAMarea.Thesinegenerator
willreadtheRAMdataandtransmitittothe10-bitDAC.
ThedevicewillreadthehalfsinewavepatternfromtheRAMandgeneratetheactualsine
waveformontheSINpin.Refertothefollowingdiagram:
�'s
Co�ple�ent
0
1
+
SINE[8:0]
DAC
0
1
D[9:0]
D[8:0]
D[9]
“
1”
“
0”
DN_CNT>=DNR
80H
81H
8�H
83H
BDH
BCH
BBH
BEH
BFH
.
.
.
RAM (Sector 2)
SINE0[8:0]
SINE1[8:0]
SINE�[8:0]
SINE3[8:0]
.
.
.
.
.
SINE30[8:0]
SINE31[8:0]
SINE Wave Pattern
SINE0[7:0]
SINE0[8]
SINE1[7:0]
SINE1[8]
SINE30[7:0]
SINE30[8]
SINE31[7:0]
SINE31[8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com