Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 58Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 59Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 60Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 61Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 62Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 63Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 64Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 65Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 235 page
background image
Rev. 1.30
��
�ove��e� 1�� �01�
Rev. 1.30
�3
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
External 32.768kHz Crystal Oscillator – LXT
TheExternal32.768kHzCrystalSystemOscillatorisoneofthelowfrequencyoscillatorchoices,
whichisselectedbyFSSbitandenabledbyLXTENbit.Thisclocksourcehasafixedfrequency
of32.768kHzandrequiresa32.768kHzcrystaltobeconnectedbetweenpinsXT1andXT2.The
externalresistorandcapacitorcomponentsconnectedtothe32.768kHzcrystalarenecessaryto
provideoscillation.Forapplicationswhereprecisefrequenciesareessential,thesecomponentsmay
berequiredtoprovidefrequencycompensationduetodifferentcrystalmanufacturingtolerances.
AftertheLXToscillatorisenabledbysettingtheLXTENbitto1,thereisatimedelayassociated
withtheLXToscillatorwaitingforittostart-up.
WhenthemicrocontrollerenterstheSLEEPorIDLEMode,thesystemclockisswitchedofftostop
microcontrolleractivityandtoconservepower.However,inmanymicrocontrollerapplications
itmaybenecessarytokeeptheinternaltimersoperationalevenwhenthemicrocontrollerisin
theSLEEPorIDLEMode.Todothis,anotherclock,independentofthesystemclock,mustbe
provided.
However,forsomecrystals,toensureoscillationandaccuratefrequencygeneration,itisnecessary
toaddtwosmallvalueexternalcapacitors,C1andC2.TheexactvaluesofC1andC2should
beselectedinconsultationwiththecrystalorresonatormanufacturerspecification.Theexternal
parallelfeedbackresistor,Rp,isrequired.
Thepin-sharedsoftwarecontrolbitsdetermineiftheXT1/XT2pinsareusedfortheLXToscillator
orasI/Opins.
• IftheLXToscillatorisnotusedforanyclocksource,theXT1/XT2pinscanbeusedasnormalI/
Opins.
• IftheLXToscillatorisusedforanyclocksource,the32.768kHzcrystalshouldbeconnectedto
theXT1/XT2pins.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.
To i nt er na l
ci rc ui ts
In te rn al
O sc illa to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp , C1 a nd C2 a re r e qui re d.
2. A lt hough n ot s ho wn p in s ha ve a p ar as it ic c apac it anc e o f a ro u nd 7pF .
In te r nal R C
Os c illa to r
32 .7 68 kH z
XT 1
XT 2
External LXT Oscillator
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
3�.7��kHz
10pF
10pF
�ote: 1. C1 and C� values a�e fo� guidance only.
�. RP=5MΩ~10MΩ is recommended.
32.768kHz Crystal Recommended Capacitor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com