Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 62Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 63Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 64Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 65Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 66Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 67Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 68Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 69Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 235 page
background image
Rev. 1.30
��
�ove��e� 1�� �01�
Rev. 1.30
�7
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
IDLE1 Mode
TheIDLE1ModeisenteredwhenanHALTinstructionisexecutedandwhentheFHIDENand
FSIDENbitsintheSCCregisterarebothhigh.IntheIDLE1ModetheCPUwillbeswitchedoff
butboththehighandlowspeedoscillatorwillbeturnedontoprovideaclocksourcetokeepsome
peripheralfunctionsoperational.
IDLE2 Mode
TheIDLE2ModeisenteredwhenanHALTinstructionisexecutedandwhentheFHIDENbitinthe
SCCregisterishighandtheFSIDENbitintheSCCregisterislow.IntheIDLE2ModetheCPU
willbeswitchedoffbutthehighspeedoscillatorwillbeturnedontoprovideaclocksourcetokeep
someperipheralfunctionsoperational.AndiftheWDTisenabled,thefSUBwillalsobeontoprovide
aclockfortheWDT.IftheWDTisdisabled,thefSUBwillalsobeoff.
Control Register
Theregister,SCC,isusedforoverallcontroloftheinternalclockswithinthesedevices.Theregister
HXTCisusedforHXToscillatorcontrolwhiletheHIRCCregisterisfortheHIRCoscillator
control.
SCC Register
Bit
7
6
5
4
3
2
1
0
�a�e
CKS�
CKS1
CKS0
—
FHS
FSS
FHIDE� FSIDE�
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
0
0
0
—
0
0
0
0
Bit7~5
CKS2~CKS0:Thesystemclockselection
000:fH
001:fH/2
010:fH/4
011:fH/8
100:fH/16
101:fH/32
110:fH/64
111:fSUB
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.In
additiontothesystemclocksourcedirectlyderivedfromfHorfSUB,adividedversion
ofthehighspeedsystemoscillatorcanalsobechosenasthesystemclocksource.
Bit4
Unimplemented,readas“0”
Bit3
FHS:HighFrequencyClockselection
0:HIRC
1:HXT
Bit2
FSS:LowFrequencyClockselection
0:LIRC
1:LXT
Bit1
FHIDEN:HighfrequencyoscillatorcontrolwhenCPUisoff
0:Disable
1:Enable
Bit0
FSIDEN:LowfrequencyoscillatorcontrolwhenCPUisoff
0:Disable
1:Enable
ThisFSIDENbitisusedtocontrolwhetheralowspeedoscillatorisactivatedor
stoppedwhentheCPUisswitchedoffbyexecutinganHALTinstruction.Whenthe
LIRCoscillatorisselectedtobethelowspeedoscillator,theLIRCoscillatorwillalso
becontrolledbythisbittogetherwiththeWDTfunctionenablecontrolbit.When
thisbitisclearedto0,buttheWDTfunctionisenabled,theLIRCoscillatorwillbe
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com