Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 24Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 25Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 26Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 27Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 28Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 29Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 235 page
background image
Rev. 1.30
��
�ove��e� 1�� �01�
Rev. 1.30
�9
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB
Stand�y Cu��ent (SLEEP)
3V �o load� all pe�iphe�als off�
WDT off
—
0.�
0.�
μA
5V
—
0.5
1.0
μA
3V �o load� all pe�iphe�als off�
WDT on
—
1.5
3.0
μA
5V
—
3.0
5.0
μA
Stand�y Cu��ent (IDLE0)
3V �o load� all pe�iphe�als off� fSUB
on
—
3.0
5.0
μA
5V
—
5.0
10.0
μA
Stand�y Cu��ent
(IDLE1� HIRC)
3V �o load� all pe�iphe�als off� fSUB
on� fH=4MHz
—
1�0
�70
μA
5V
—
400
�00
μA
3V �o load� all pe�iphe�als off� fSUB
on� fH=�MHz
—
3�0
500
μA
5V
—
�00
�00
μA
3V �o load� all pe�iphe�als off� fSUB
on� fH=1�MHz
—
540
750
μA
5V
—
�00
1�00
μA
Stand�y Cu��ent
(IDLE1� HXT)
3V �o load� all pe�iphe�als off� fSUB
on� fH=4MHz
—
1�0
�70
μA
5V
—
400
�00
μA
3V �o load� all pe�iphe�als off� fSUB
on� fH=�MHz
—
3�0
500
μA
5V
—
�00
�00
μA
3V �o load� all pe�iphe�als off� fSUB
on� fH=1�MHz
—
540
750
μA
5V
—
�00
1�00
μA
5V �o load� all pe�iphe�als off� f
SUB
on� fH=1�MHz
—
1.10
1.�5
�A
IOL
Sink Cu��ent fo� I/O Po�ts
3V
VOL=0.1VDD
15
30
—
�A
5V
30
�0
—
�A
IOH
Sou�ce Cu��ent fo� I/O Po�ts
3V
VOH=0.9VDD
3.5
7.0
—
�A
5V
7.5
15
—
�A
RPH
Pull-high Resistance of I/O Po�ts
3V
LVPU=0
�0
1�0
�40
kΩ
5V
30
�0
1�0
kΩ
3V
LVPU=1
15
30
�0
kΩ
5V
7.5
15
30
kΩ
ILEAK
Input Leakage Cu��ent
5V VI�=VDD o� VI�=VSS
—
—
±1
μA
VOH
Output High Voltage fo� I/O Po�ts
3V IOH=��A
�.7
—
—
V
5V IOH=5�A
4.5
—
—
V
VOL
Output Low Voltage fo� I/O Po�ts
3V IOL=4�A
—
—
0.3
V
5V IOL=10�A
—
—
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com