Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 90 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 90 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 86Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 87Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 88Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 89Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 90Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 91Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 92Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 93Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 94Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 235 page
background image
Rev. 1.30
90
�ove��e� 1�� �01�
Rev. 1.30
91
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Register
Name
Bit
7
6
5
4
3
2
1
0
PAWU
PAWU7
PAWU�
PAWU5
PAWU4
PAWU3
PAWU�
PAWU1
PAWU0
PAPU
PAPU7
PAPU�
PAPU5
PAPU4
PAPU3
PAPU�
PAPU1
PAPU0
PA
PA7
PA�
PA5
PA4
PA3
PA�
PA1
PA0
PAC
PAC7
PAC�
PAC5
PAC4
PAC3
PAC�
PAC1
PAC0
PBPU
PBPU7
PBPU�
PBPU5
PBPU4
PBPU3
PBPU�
PBPU1
PBPU0
PB
PB7
PB�
PB5
PB4
PB3
PB�
PB1
PB0
PBC
PBC7
PBC�
PBC5
PBC4
PBC3
PBC�
PBC1
PBC0
PCPU
PCPU�
PCPU5
PCPU4
PCPU3
PCPU�
PCPU1
PCPU0
PC
PC�
PC5
PC4
PC3
PC�
PC1
PC0
PCC
PCC�
PCC5
PCC4
PCC3
PCC�
PCC1
PCC0
PDPU
PDPU7
PDPU�
PDPU5
PDPU4
PDPU3
PDPU�
PDPU1
PDPU0
PD
PD7
PD�
PD5
PD4
PD3
PD�
PD1
PD0
PDC
PDC7
PDC�
PDC5
PDC4
PDC3
PDC�
PDC1
PDC0
PEPU
PEPU7
PEPU�
PEPU5
PEPU4
PEPU3
PEPU�
PEPU1
PEPU0
PE
PE7
PE�
PE5
PE4
PE3
PE�
PE1
PE0
PEC
PEC7
PEC�
PEC5
PEC4
PEC3
PEC�
PEC1
PEC0
PFPU
PFPU7
PFPU�
PFPU5
PFPU4
PFPU3
PFPU�
PFPU1
PFPU0
PF
PF7
PF�
PF5
PF4
PF3
PF�
PF1
PF0
PFC
PFC7
PFC�
PFC5
PFC4
PFC3
PFC�
PFC1
PFC0
PGPU
PGPU7
PGPU�
PGPU5
PGPU4
PGPU3
PGPU�
PGPU1
PGPU0
PG
PG7
PG�
PG5
PG4
PG3
PG�
PG1
PG0
PGC
PGC7
PGC�
PGC5
PGC4
PGC3
PGC�
PGC1
PGC0
PHPU
PHPU7
PHPU�
PHPU5
PHPU4
PHPU3
PHPU�
PHPU1
PHPU0
PH
PH7
PH�
PH5
PH4
PH3
PH�
PH1
PH0
PHC
PHC7
PHC�
PHC5
PHC4
PHC3
PHC�
PHC1
PHC0
I/O Logic Function Register List - HT69F360
“—”Unimplemented,readas“0”
PAWUn:PortApinwake-upfunctioncontrol
0:Disable
1:Enable
PAn/PBn/PCn/PDn/PEn/PFn/PGn/PHn:I/Oportdatabit
0:Data0
1:Data1
PACn/PBCn/PCCn/PDCn/PECn/PFCn/PGCn/PHCn:I/Opintypeselection
0:Output
1:Input
PAPUn/PBPUn/PCPUn/PDPUn/PEPUn/PFPUn/PGPUn/PHPUn:I/Opinpull-highfunction
control
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com