Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 17Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 18Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 19Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 20Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 21Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 22Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 23Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 235 page
background image
Rev. 1.30
�0
�ove��e� 1�� �01�
Rev. 1.30
�1
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Pin Name
Function OPT
I/T
O/T
Description
PF7/SEG�3
PF7
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�3
PFFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG0/SEG�4
PG0
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�4 PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG1/SEG�5
PG1
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�5 PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG�/SEG��
PG�
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�� PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG3/SEG�7
PG3
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�7 PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG4/SEG��
PG4
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�� PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG5/SEG�9
PG5
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�9 PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG�/SEG30
PG�
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG30 PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PG7/SEG31
PG7
PGPU
PGFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG31 PGFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PH0/SEG3�
PH0
PHPU
PHFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG3�
PHFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PH1/SEG33
PH1
PHPU
PHFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG33
PHFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PH�/SEG34
PH�
PHPU
PHFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG34
PHFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
PH3/SEG35
PH3
PHPU
PHFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG35
PHFS
—
AO
LCD d�ive� output fo� LCD panel seg�ent
COM3/SEGn
COM3
—
—
AO
LCD d�ive� outputs fo� LCD panel co��on
SEGn
—
—
AO
LCD d�ive� output fo� LCD panel seg�ent.
n=�4 fo� 4�-pin package� n=3� fo� �4-pin package.
COM0~COM�
COMn
—
—
AO
LCD d�ive� outputs fo� LCD panel co��on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com