Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 73Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 74Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 75Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 76Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 77Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 78Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 79Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 80Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 235 page
background image
Rev. 1.30
7�
�ove��e� 1�� �01�
Rev. 1.30
77
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
RE S
VD D
SS T Ti me - out
Ch ip R es et
0. 9 V DD
t RS TD
Note:tRSTDispower-ondelay,typicaltime=50ms
Power-On Reset Timing Chart
RES Pin
AstheresetpinissharedwithanI/Opin,theresetfunctionmustbeselectedusingaconfiguration
option.AlthoughthemicrocontrollerhasaninternalRCresetfunction,iftheVDDpowersupplyrise
timeisnotfastenoughordoesnotstabilisequicklyatpower-on,theinternalresetfunctionmaybe
incapableofprovidingproperresetoperation.Forthisreasonitisrecommendedthatanexternal
RCnetworkisconnectedtotheRESpin,whoseadditionaltimedelaywillensurethattheRESpin
remainslowforanextendedperiodtoallowthepowersupplytostabilise.Duringthistimedelay,
normaloperationofthemicrocontrollerwillbeinhibited.AftertheRESlinereachesacertainvoltage
value,theresetdelaytimetRSTDisinvokedtoprovideanextradelaytimeafterwhichthewillbegin
normaloperation.TheabbreviationSSTinthefiguresstandsforSystemStart-upTimer.
FormostapplicationsaresistorconnectedbetweenVDDandtheRESpinandacapacitorconnected
betweenVSSandtheRESpinwillprovideasuitableexternalresetcircuit.Anywiringconnectedto
theRESpinshouldbekeptasshortaspossibletominimiseanystraynoiseinterference.
ForapplicationsthatoperatewithinanenvironmentwheremorenoiseispresenttheEnhancedReset
Circuitshownisrecommended.
PA 7/ RE S
0. 1~ 1 m F
10 k W ~
100k W
VD D
VSS
0. 01 m F* *
V DD
1N 4148 *
30 0 W *
External RES Circuit
Note:*ItisrecommendedthatthiscomponentisaddedforaddedESDprotection.
**Itisrecommendedthatthiscomponentisaddedinenvironmentswherepowerlinenoiseis
significant.
MoreinformationregardingexternalresetcircuitsislocatedinApplicationNoteHA0075Eonthe
Holtekwebsite.
PullingtheRESPinlowusingexternalhardwarewillalsoexecuteadevicereset.Inthiscase,asinthe
caseofotherresets,theProgramCounterwillresettozeroandprogramexecutioninitiatedfromthispoint.
RE S
In te r nal R es et
0. 9 V DD
0. 4 V DD
t RS TD + t SST
Note:tRSTDispower-ondelay,typicaltime=16.7ms.
RES Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com