Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 123 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 123 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 119Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 120Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 121Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 122Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 123Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 124Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 125Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 126Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 127Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 235 page
background image
Rev. 1.30
1��
�ove��e� 1�� �01�
Rev. 1.30
1�3
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
STMRP Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
STMRP:STMCCRPHighByteRegisterbit7~bit0
STMCCRP8-bitregister,comparedwiththeSTMCounterbit15~bit8.
ComparatorPMatchPeriod
0:65536STMclocks
1~255:256×(1~255)STMclocks
TheseeightbitsareusedtosetupthevalueontheinternalCCRP8-bitregister,which
arethencomparedwiththeinternalcounter'shighesteightbits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheSTCCLRbitissetto
zero.SettingtheSTCCLRbittozeroensuresthatacomparematchwiththeCCRP
valueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwiththe
highesteightcounterbits,thecomparevaluesexistin256clockcyclemultiples.
Clearingalleightbitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.
Standard Type TM Operating Modes
TheStandardTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingtheSTM1andSTM0bitsintheSTMC1register.
Compare Match Output Mode
Toselectthismode,bitsSTM1andSTM0intheSTMC1register,shouldbesetto00respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhentheSTCCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchfromComparatorP,theotheriswhentheCCRPbitsareallzerowhichallowsthe
countertooverflow.HerebothSTMAFandSTMPFinterruptrequestflagsforComparatorAand
ComparatorPrespectively,willbothbegenerated.
IftheSTCCLRbitintheSTMC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheSTMAFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
STCCLRishighnoSTMPFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto“0”.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchangestate.
TheTMoutputpinconditionhoweveronlychangesstatewhenaSTMAFinterruptrequestflagis
generatedafteracomparematchoccursfromComparatorA.TheSTMPFinterruptrequestflag,
generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTMoutput
pin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthe
STIO1andSTIO0bitsintheSTMC1register.TheTMoutputpincanbeselectedusingtheSTIO1
andSTIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematch
occursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafterthe
STONbitchangesfromlowtohigh,issetupusingtheSTOCbit.NotethatiftheSTIO1andSTIO0
bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com