Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 140 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 140 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 136Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 137Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 138Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 139Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 140Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 141Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 142Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 143Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 144Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 235 page
background image
Rev. 1.30
140
�ove��e� 1�� �01�
Rev. 1.30
141
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Counte� Value
0x3FF
CCRP
CCRA
PTnO�
PTnPAU
PTnPOL
CCRP Int. Flag
PTMnPF
CCRA Int. Flag
PTMnAF
PTM O/P Pin
Ti�e
CCRA=0
CCRA = 0
Counte� ove�flow
CCRA > 0 Counte� clea�ed �y CCRA value
Pause
Resu�e
Stop
Counte� Resta�t
PTnCCLR = 1; PTnM [1:0] = 00
Output pin set to
initial Level Low if
PTnOC=0
Output Toggle with
PTMnAF flag
�ote PTnIO [1:0] = 10
Active High Output select
He�e PTnIO [1:0] = 11
Toggle Output select
Output not affected �y PTMnAF
flag. Re�ains High until �eset
�y PTnO� �it
Output Pin
Reset to Initial value
Output cont�olled �y othe�
pin-sha�ed function
Output Inve�ts
when PTnPOL is high
PTMPF not
gene�ated
�o PTMnAF flag
gene�ated on CCRA
ove�flow
Output does
not change
Compare Match Output Mode – PTnCCLR=1 (n=0, 1)
Note:1.WithPTnCCLR=1aComparatorAmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybythePTMnAFflag
3.TheoutputpinisresettoitsinitialstatebyaPTnONbitrisingedge
4.APTMnPFflagisnotgeneratedwhenPTnCCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com