Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 180 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 180 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 176Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 177Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 178Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 179Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 180Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 181Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 182Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 183Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 184Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 235 page
background image
Rev. 1.30
1�0
�ove��e� 1�� �01�
Rev. 1.30
1�1
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Register
Name
Bit
7
6
5
4
3
2
1
0
I�TEG
—
—
—
—
I�T1S1
I�T1S0
I�T0S1
I�T0S0
I�TC0
—
TB0F
I�T1F
I�T0F
TB0E
I�T1E
I�T0E
EMI
I�TC1
MF�F
MF1F
MF0F
TB1F
MF�E
MF1E
MF0E
TB1E
I�TC�
—
—
—
SIMF
—
—
—
SIME
MFI0
—
—
CTMAF
CTMPF
—
—
CTMAE
CTMPE
MFI1
—
—
PTMAF
PTMPF
—
—
PTMAE
PTMPE
MFI�
—
—
DEF
LVF
—
—
DEE
LVE
Interrupt Register List – HT69F340
Register
Name
Bit
7
6
5
4
3
2
1
0
I�TEG
—
—
—
—
I�T1S1
I�T1S0
I�T0S1
I�T0S0
I�TC0
—
TB0F
I�T1F
I�T0F
TB0E
I�T1E
I�T0E
EMI
I�TC1
MF�F
MF1F
MF0F
TB1F
MF�E
MF1E
MF0E
TB1E
I�TC�
—
—
—
SIMF
—
—
—
SIME
MFI0
STMAF
STMPF
CTMAF
CTMPF
STMAE
STMPE
CTMAE
CTMPE
MFI1
—
—
PTMAF
PTMPF
—
—
PTMAE
PTMPE
MFI�
—
—
DEF
LVF
—
—
DEE
LVE
Interrupt Register List – HT69F350
Register
Name
Bit
7
6
5
4
3
2
1
0
I�TEG
—
—
—
—
I�T1S1
I�T1S0
I�T0S1
I�T0S0
I�TC0
—
TB0F
I�T1F
I�T0F
TB0E
I�T1E
I�T0E
EMI
I�TC1
MF�F
MF1F
MF0F
TB1F
MF�E
MF1E
MF0E
TB1E
I�TC�
—
—
UARTF
SIMF
—
—
UARTE
SIME
MFI0
STMAF
STMPF
CTMAF
CTMPF
STMAE
STMPE
CTMAE
CTMPE
MFI1
PTM1AF PTM1PF PTM0AF PTM0PF PTM1AE PTM1PE PTM0AE PTM0PE
MFI�
—
—
DEF
LVF
—
—
DEE
LVE
Interrupt Register List – HT69F360
INTEG Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
I�T1S1
I�T1S0
I�T0S1
I�T0S0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3~2
INT1S1, INT1S0:InterruptedgecontrolforINT1pin
00:Disable
01:Risingedge
10:Fallingedge
11:Risingandfallingedges
Bit1~0
INT0S1, INT0S0:InterruptedgecontrolforINT0pin
00:Disable
01:Risingedge
10:Fallingedge
11:Risingandfallingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com