Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 186 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 186 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 182Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 183Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 184Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 185Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 186Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 187Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 188Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 189Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 190Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 235 page
background image
Rev. 1.30
1��
�ove��e� 1�� �01�
Rev. 1.30
1�7
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
MFI2 Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
DEF
LVF
—
—
DEE
LVE
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
0
—
—
0
0
Bit7~6
Unimplemented,readas“0”
Bit5
DEF:DataEEPROMinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
LVF:LVDinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3~2
Unimplemented,readas“0”
Bit1
DEE:DataEEPROMInterruptControl
0:Disable
1:Enable
Bit0
LVE:LVDInterruptControl
0:Disable
1:Enable
Interrupt Operation
Whentheconditionsforaninterrupteventoccur,suchasaTMComparatorPorComparatorA
match,therelevantinterruptrequestflagwillbeset.Whethertherequestflagactuallygeneratesa
programjumptotherelevantinterruptvectorisdeterminedbytheconditionoftheinterruptenable
bit.Iftheenablebitissethighthentheprogramwilljumptoitsrelevantvector;iftheenablebitis
zerothenalthoughtheinterruptrequestflagissetanactualinterruptwillnotbegeneratedandthe
programwillnotjumptotherelevantinterruptvector.Theglobalinterruptenablebit,ifclearedto
zero,willdisableallinterrupts.
Whenaninterruptisgenerated,theProgramCounter,whichstorestheaddressofthenextinstruction
tobeexecuted,willbetransferredontothestack.TheProgramCounterwillthenbeloadedwitha
newaddresswhichwillbethevalueofthecorrespondinginterruptvector.Themicrocontrollerwill
thenfetchitsnextinstructionfromthisinterruptvector.Theinstructionatthisvectorwillusually
bea“JMP”whichwilljumptoanothersectionofprogramwhichisknownastheinterruptservice
routine.Hereislocatedthecodetocontroltheappropriateinterrupt.Theinterruptserviceroutine
mustbeterminatedwitha“RETI”,whichretrievestheoriginalProgramCounteraddressfrom
thestackandallowsthemicrocontrollertocontinuewithnormalexecutionatthepointwherethe
interruptoccurred.
Thevariousinterruptenablebits,togetherwiththeirassociatedrequestflags,areshowninthe
accompanyingdiagramswiththeirorderofpriority.Someinterruptsourceshavetheirown
individualvectorwhileotherssharethesamemulti-functioninterruptvector.Onceaninterrupt
subroutineisserviced,alltheotherinterruptswillbeblocked,astheglobalinterruptenablebit,
EMIbitwillbeclearedautomatically.Thiswillpreventanyfurtherinterruptnestingfromoccurring.
However,ifotherinterruptrequestsoccurduringthisinterval,althoughtheinterruptwillnotbe
immediatelyserviced,therequestflagwillstillberecorded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com