Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 233 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 233 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 227Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 228Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 229Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 230Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 231Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 232Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 233Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 234Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 235Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 233 / 235 page
background image
Rev. 1.30
�3�
�ove��e� 1�� �01�
Rev. 1.30
�33
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
64-pin LQFP (7mm×7mm) Outline Dimensions
48
49
33
32
64
1
16
17
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.354 BSC
—
B
—
0.�7� BSC
—
C
—
0.354 BSC
—
D
—
0.�7� BSC
—
E
—
0.01� BSC
—
F
0.005
0.007
0.009
G
0.053
0.055
0.057
H
—
—
0.0�3
I
0.00�
—
0.00�
J
0.01�
0.0�4
0.030
K
0.004
—
0.00�
α
0°
—
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
9.00 BSC
—
B
—
7.00 BSC
—
C
—
9.00 BSC
—
D
—
7.00 BSC
—
E
—
0.40 BSC
—
F
0.13
0.1�
0.�3
G
1.35
1.40
1.45
H
—
—
1.�0
I
0.05
—
0.15
J
0.45
0.�0
0.75
K
0.09
—
0.�0
α
0°
—
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com