Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F11BLE
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F11BLE Datasheet HTML 1Page - Renesas Technology Corp R5F11BLE Datasheet HTML 2Page - Renesas Technology Corp R5F11BLE Datasheet HTML 3Page - Renesas Technology Corp R5F11BLE Datasheet HTML 4Page - Renesas Technology Corp R5F11BLE Datasheet HTML 5Page - Renesas Technology Corp R5F11BLE Datasheet HTML 6Page - Renesas Technology Corp R5F11BLE Datasheet HTML 7Page - Renesas Technology Corp R5F11BLE Datasheet HTML 8Page - Renesas Technology Corp R5F11BLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 143 page
background image
R01DS0246EJ0110 Rev. 1.10
Page 1 of 140
Aug 12, 2016
RL78/G1F
RENESAS MCU
True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC + LVD), 1.6 V to 5.5 V operation,
32/64 Kbyte Flash, Max.32 MHz CPU operation, Enhanced analog functions, for General Purpose Applications
Datasheet
1. OUTLINE
1.1
Features
Ultra-low power consumption technology
•VDD = single power supply voltage of 1.6 to 5.5 V which
can operate a 1.8 V device at a low voltage
• HALT mode
•STOP mode
• SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be changed
from high speed (0.03125
μs: @ 32 MHz operation with
high-speed on-chip oscillator) to ultra-low speed (30.5
μs: @ 32.768 kHz operation with subsystem clock)
• Multiply/divide/multiply & accumulate instructions are
supported.
• Address space: 1 MB
• General-purpose registers: (8-bit register
× 8) × 4 banks
• On-chip RAM: 5.5 KB
Code flash memory
• Code flash memory: 32/64 KB
• Block size: 1 KB
• Prohibition of block erase and rewriting (security
function)
• On-chip debug function
• Self-programming (with boot swap function/flash shield
window function)
Data flash memory
• Data flash memory: 4 KB
• Back ground operation (BGO): Instructions can be
executed from the program memory while rewriting the
data flash memory.
• Number of rewrites: 1,000,000 times (TYP.)
• Voltage of rewrites: VDD = 1.8 to 5.5 V
High-speed on-chip oscillator
• Select from 64 MHz, 48 MHz, 32 MHz, 24 MHz, 16 MHz,
12 MHz, 8 MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz, and
1 MHz
• High accuracy: ±1.0% (VDD = 1.8 to 5.5 V, TA = -20 to
+85°C)
Operating ambient temperature
•TA = −40 to +85°C (A: Consumer applications)
•TA = −40 to +105°C (G: Industrial applications)
Power management and reset function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detector (LVD) (Select interrupt and
reset from 14 levels)
Data transfer controller (DTC)
• Transfer modes: Normal transfer mode, repeat transfer
mode, block transfer mode
• Activation sources: Activated by interrupt sources.
• Chain transfer function
Event link controller (ELC)
• Event signals of 22 types can be linked to the specified
peripheral function.
Serial interfaces
• CSI: 3 to 6 channels
• UART/UART (LIN-bus supported): 3 channels
•I2C/simplified I2C: 3 to 6 channels
• IrDA: 1 channel
Timer
• 16-bit timer: 9 channels
(Timer Array Unit (TAU): 4 channels, Timer RJ: 1
channel, Timer RD: 2 channels (with PWMOPA),
Timer RG: 1 channel, Timer RX: 1 channel)
• 12-bit interval timer: 1 channel
• Real-time clock: 1 channel (calendar for 99 years, alarm
function, and clock correction function)
• Watchdog timer: 1 channel (operable with the dedicated
low-speed on-chip oscillator)
A/D converter
• 8/10-bit resolution A/D converter (VDD = 1.6 to 5.5 V)
• Analog input: 8 to 17 channels
• Internal reference voltage (1.45 V) and temperature
sensor
D/A converter
• 8-bit resolution D/A converter (VDD = 1.6 to 5.5 V)
• Analog output: 1 or 2 channels
• Output voltage: 0 V to VDD
• Real-time output function
Comparator
• 2 channels (pin selector is provided for 1 channel)
• Incorporates a function for the output of a timer window
in combination with the timer array unit.
• The external reference voltage or internal reference
voltage can be selected as the reference voltage.
Programmable gain amplifier (PGA)
• 1 channel
I/O port
• I/O port: 20 to 58 (N-ch open drain I/O [withstand
voltage of 6 V]: 2 to 4, N-ch open drain I/O [VDD
withstand voltage/EVDD withstand voltage]: 10 to 16)
• Can be set to N-ch open drain, TTL input buffer, and on-
chip pull-up resistor
• Different potential interface: Can connect to a 1.8/2.5/3
V device
• On-chip key interrupt function
• On-chip clock output/buzzer output controller
Others
• On-chip BCD (binary-coded decimal) correction circuit
Remark
The functions mounted depend on the
product. See 1.6 Outline of Functions.
R01DS0246EJ0110
Rev. 1.10
Aug 12, 2016


Similar Part No. - R5F11BLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
Ultra-Low Power Technology
R5F110MEAFB RENESAS-R5F110MEAFB Datasheet
1Mb / 154P
RENESAS MCU
Rev.2.40 Dec 22, 2023
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
Ultra-Low Power Technology
More results

Similar Description - R5F11BLE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
Technology for Ultra-low Power Consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
Ultra low power consumption
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
Ultra low power consumption
logo
Renesas Technology Corp
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
Ultra-low power consumption technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com