Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BLE Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F11BLE
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BLE Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F11BLE Datasheet HTML 6Page - Renesas Technology Corp R5F11BLE Datasheet HTML 7Page - Renesas Technology Corp R5F11BLE Datasheet HTML 8Page - Renesas Technology Corp R5F11BLE Datasheet HTML 9Page - Renesas Technology Corp R5F11BLE Datasheet HTML 10Page - Renesas Technology Corp R5F11BLE Datasheet HTML 11Page - Renesas Technology Corp R5F11BLE Datasheet HTML 12Page - Renesas Technology Corp R5F11BLE Datasheet HTML 13Page - Renesas Technology Corp R5F11BLE Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 143 page
background image
RL78/G1F
1. OUTLINE
R01DS0246EJ0110 Rev. 1.10
Page 10 of 140
Aug 12, 2016
1.4
Pin Identification
ANI0 to ANI7:
Analog input
PGAI:
PGA input
ANI16 to ANI24:
Analog input
PGAGND:
PGA input
ANO0, ANO1:
Analog output
RTC1HZ:
Real-time clock correction
AVREFM:
Analog reference voltage
clock (1 Hz) output
minus
RxD0 to RxD2:
Receive data
AVREFP:
Analog reference voltage
SCK00, SCK01, SCK10:
Serial clock input/output
plus
SCK11, SCK20, SCK21:
Serial clock input/output
EVDD0:
Power supply for port
SCLA0:
Serial clock input/output
EVSS0:
Ground for port
SCL00, SCL01, SCL10, SCL11: Serial clock output
EXCLK:
External clock input
SCL20,SCL21:
Serial clock output
(main system clock)
SDAA0:
Serial data input/output
EXCLKS:
External clock input
SDA00, SDA01, SDA10:
Serial data input/output
(subsystem clock)
SDA11, SDA20, SDA21:
Serial data input/output
INTP0 to INTP11:
External interrupt input
SI00, SI01, SI10, SI11:
Serial data input
IrRxD:
Receive Data for IrDA
SI20, SI21:
Serial data input
IrTxD:
Transmit Data for IrDA
SO00, SO01, SO10:
Serial data output
IVCMP0:
Comparator 0 input
SO11, SO20, SO21:
Serial data output
IVCMP10 to IVCMP13: Comparator 1 input /
SSI00:
Serial interface chip select input
reference input
TI00 to TI03:
Timer input
IVREF0:
Comparator 0 reference
TO00 to TO03:
Timer output
input
TRJO0:
Timer output
KR0 to KR7:
Key return
TOOL0:
Data input/output for tool
P00 to P06:
Port 0
TOOLRxD, TOOLTxD:
Data input/output for external device
P10 to P17:
Port 1
TRDCLK, TRGCLKA:
Timer external input clock
P20 to P27:
Port 2
TRGCLKB:
Timer external Input clock
P30, P31:
Port 3
TRDIOA0, TRDIOB0:
Timer input/output
P40 to P43:
Port 4
TRDIOC0, TRDIOD0:
Timer input/output
P50 to P55:
Port 5
TRDIOA1, TRDIOB1:
Timer input/output
P60 to P63:
Port 6
TRDIOC1, TRDIOD1:
Timer input/output
P70 to P77:
Port 7
TRGIOA, TRGIOB, TRJIO0:
Timer input/output
P120 to P124:
Port 12
TxD0 to TxD2:
Transmit data
P130, P137
Port 13
VCOUT0, VCOUT1:
Comparator output
P140, P141, P146,
Port 14
VDD:
Power supply
P147:
VSS:
Ground
PCLBUZ0, PCLBUZ1:
Programmable clock output/
X1, X2:
Crystal oscillator (main system clock)
buzzer output
XT1, XT2:
Crystal oscillator (subsystem clock)
REGC:
Regulator capacitance
RESET:
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com