Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BLE Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F11BLE
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BLE Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F11BLE Datasheet HTML 7Page - Renesas Technology Corp R5F11BLE Datasheet HTML 8Page - Renesas Technology Corp R5F11BLE Datasheet HTML 9Page - Renesas Technology Corp R5F11BLE Datasheet HTML 10Page - Renesas Technology Corp R5F11BLE Datasheet HTML 11Page - Renesas Technology Corp R5F11BLE Datasheet HTML 12Page - Renesas Technology Corp R5F11BLE Datasheet HTML 13Page - Renesas Technology Corp R5F11BLE Datasheet HTML 14Page - Renesas Technology Corp R5F11BLE Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 143 page
background image
RL78/G1F
1. OUTLINE
R01DS0246EJ0110 Rev. 1.10
Page 11 of 140
Aug 12, 2016
1.5
Block Diagram
Remark
Block diagram of 64-pin products is shown as an example. For difference of the block diagram other than 64-pin
products, refer to 1.6 Outline of Functions.
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
SYSTEM
CONTROL
HIGH-SPEED
ON-CHIP
OSCILLATOR
RxD0
TxD0
UART1
RxD1
TxD1
TI02/TO02
TI03/TO03
TI00
CSI00
SCK00
SO00
SI00
TI01/TO01
TRDIOA0/TRDCLK
TRDIOB0, TRDIOC0, TRDIOD0
TRDIOA1 to TRDIOD1
TIMER RJ
TRJIO0
TRJO00
SSI00
ch0
TIMER ARRAY
UNIT (4ch)
ch1
ch2
ch3
TIMER RD (2ch)
SERIAL ARRAY
UNIT0 (4ch)
UART0
LINSEL
TO00
RxD0 (LINSEL)
PORT 1
P10 to P17
8
PORT 2
P20 to P27
8
PORT 3
P30, P31
2
PORT 0
P00 to P06
7
PORT 5
P50 to P55
6
PORT 6
P120
PORT 12
P121 to P124
P137
PORT 13
PORT 14
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
TOOL0
ON-CHIP DEBUG
PGAI
PROGRAMMABLE
GAIN AMPLIFIER
COMPARATOR
(2ch)
COMPARATOR0
IVCMP0
IVREF0
VCOUT0
COMPARATOR1
IVCMP10
IVCMP11
VCOUT1
TIMER RG
TRGIOA,
TRGIOB
2
2
TRGCLKA,
TRGCLKB
4
PORT 4
P40 to P43
PORT 7
P70 to P77
P60 to P63
4
8
8
ANI0 to ANI7
A/D CONVERTER
ANI16 to ANI24
9
AVREFP
AVREFM
X1
RESET
X2/EXCLK
XT1
XT2/EXCLKS
4
P140, P141,
P146, P147
4
SCL00
SDA00
IIC00
SCL01
SDA01
IIC01
SCL11
SDA11
IIC11
SCK11
SO11
SI11
CSI11
SCK01
SO01
SI01
CSI01
RxD2/IrRxD
TxD2/IrTxD
SERIAL ARRAY
UNIT1 (2ch)
UART2 (IrDA)
SCK20
SO20
SI20
CSI20
SCL20
SDA20
IIC20
SCK21
SO21
SI21
CSI21
SCL21
SDA21
IIC21
P130
KEY RETURN
KR0 to KR7
8
INTP0
RxD0 (LINSEL)
11
INTP1 to
INTP11
SCK10
SO10
SI10
CSI10
SCL10
SDA10
IIC10
SDAA0
SCLA0
SERIAL
INTERFACE IICA0
VDD,
EVDD0
VSS,
EVSS0
TOOLRxD,
TOOLTxD
CODE FLASH MEMORY
DATA FLASH MEMORY
BUZZER OUTPUT
PCLBUZ0,
PCLBUZ1
CLOCK OUTPUT
CONTROL
2
BCD
ADJUSTMENT
DATA TRANSFER
CONTROL
EVENT LINK
CONTROLLER
WINDOW
WATCHDOG
TIMER
12- BIT INTERVAL
TIMER
REAL-TIME
CLOCK
LOW-SPEED
ON-CHIP
OSCILLATOR
RTC1HZ
MULTIPLIER &
DIVIDER,
MULTIPLY-
ACCUMULATOR
RL78 CPU CORE
ANO0
D/A CONVERTER
ANO1
PGAGND
IVCMP12
IVCMP13
1 4
ch0
ch1
TIMER RX
INTCMP1
PWMOPA
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com