Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BLE Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R5F11BLE
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BLE Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R5F11BLE Datasheet HTML 135Page - Renesas Technology Corp R5F11BLE Datasheet HTML 136Page - Renesas Technology Corp R5F11BLE Datasheet HTML 137Page - Renesas Technology Corp R5F11BLE Datasheet HTML 138Page - Renesas Technology Corp R5F11BLE Datasheet HTML 139Page - Renesas Technology Corp R5F11BLE Datasheet HTML 140Page - Renesas Technology Corp R5F11BLE Datasheet HTML 141Page - Renesas Technology Corp R5F11BLE Datasheet HTML 142Page - Renesas Technology Corp R5F11BLE Datasheet HTML 143Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 141 / 143 page
background image
C - 1
RL78/G1F Datasheet
Rev.
Date
Description
Page
Summary
0.10
—
First Edition issued
0.50
Jan 14, 2015
3
Modification of description in Figure 1 - 1 Part Number, Memory Size, and
Package of RL78/G1F
10
Addition of description in 1.4 Pin Identification
11
Modification of description in 1.5 Block Diagram
12, 13
Modification of description in 1.6 Outline of Functions
14
Addition of target products to the beginning
17
Modification of 2.2.2 On-chip oscillator characteristics
18
Addition of note 4 in 2.3.1 Pin characteristics
23, 25, 27 Modification of 2.3.2 Supply current characteristics
73
Modification of 2.6.4 Comparator
73
Modification of 2.6.5 PGA
77
Renamed to 2.7 RAM Data Retention Characteristics
79
Addition of target products to the beginning
83
Modification of 3.2.2 On-chip oscillator characteristics
87
Modification of “Output voltage, low”
89, 91, 93 Modification of 3.3.2 Supply current characteristics
130
Modification of 3.6.4 Comparator
130
Modification of 3.6.5 PGA
133
Renamed to 3.7 RAM Data Retention Characteristics
1.00
Jan 14, 2015
All
Modification of the unit symbol (PWMOP into PWMOPA)
1
Modification of descriptions in 1.1 Features
10
Modification of 1.4 Pin Identification
13
Modification of 1.6 Outline of Functions
73
Modification of 2.6.5 PGA
130
Modification of 3.6.5 PGA
1.10
Aug 12, 2016
5
Addition of product name (RL78/G1F) and description (Top View) in 1.3.1 24-pin
products
6
Addition of product name (RL78/G1F) and description (Top View) in 1.3.2 32-pin
products
8
Addition of product name (RL78/G1F) and description (Top View) in 1.3.4 48-pin
products
9
Addition of product name (RL78/G1F) and description (Top View) in 1.3.5 64-pin
products
SuperFlash is a registered trademark of Silicon Storage Technology, Inc. in several countries
including the United States and Japan.
Caution: This product uses SuperFlash® technology licensed from Silicon Storage Technology, Inc.
All trademarks and registered trademarks are the property of their respective owners.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com