Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGG Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F10WMGG
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGG Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F10WMGG Datasheet HTML 9Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 10Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 11Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 12Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 13Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 14Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 15Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 16Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 13 of 123
2.1 Absolute Maximum Ratings
Absolute Maximum Ratings (1/3)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
−0.5 to +6.5
V
REGC pin input voltage
VIREGC
REGC
−0.3 to +2.8
and
−0.3 to VDD +0.3Note 1
V
Input voltage
VI1
P00 to P07, P10 to P17, P20 to P27, P30 to P35,
P40 to P47, P50 to P57, P60, P61, P70 to P77,
P121 to P127, P130, P137
−0.3 to VDD +0.3Note 2
V
VI2
P60 and P61 (N-ch open-drain)
−0.3 to +6.5
V
VI3
EXCLK, EXCLKS, RESET
−0.3 to VDD +0.3Note 2
V
Output voltage
VO1
P00 to P07, P10 to P17, P20 to P27, P30 to P35,
P40 to P47, P50 to P57, P60, P61, P70 to P77,
P121 to P127, P130, P137
−0.3 to VDD +0.3Note 2
V
Analog input voltage
VAI1
ANI0, ANI1, ANI16 to ANI26
−0.3 to VDD +0.3
and
−0.3 to AVREF(+) +0.3Notes 2, 3
V
Notes 1.
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF). This value regulates the absolute
maximum rating of the REGC pin. Do not use this pin with voltage applied to it.
2.
Must be 6.5 V or lower.
3.
Do not exceed AVREF(+) + 0.3 V in case of A/D conversion target pin.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remarks 1.
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.
2.
AVREF (+): + side reference voltage of the A/D converter.
3.
VSS: Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com