Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGG Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F10WMGG
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGG Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F10WMGG Datasheet HTML 21Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 22Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 23Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 24Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 25Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 26Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 27Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 28Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 25 of 123
Notes 1.
Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is fixed
to VDD or VSS. The values below the MAX. column include the peripheral operation current. However, not
including the current flowing into the LCD controller/driver, A/D converter, LVD circuit, comparator, I/O port, on-
chip pull-up/pull-down resistors, and the current flowing during data flash rewrite.
2.
During HALT instruction execution by flash memory.
3.
When high-speed on-chip oscillator and subsystem clock are stopped.
4.
When high-speed system clock and subsystem clock are stopped.
5.
When high-speed on-chip oscillator and high-speed system clock are stopped.
When RTCLPC = 1 and setting ultra-low current consumption (AMPHS1 = 1). The current flowing into the real-
time clock 2 is included. However, not including the current flowing into the clock output/buzzer output, 12-bit
interval timer, and watchdog timer.
6.
Not including the current flowing into the real-time clock 2, clock output/buzzer output, 12-bit interval timer, and
watchdog timer.
7.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
HS (high-speed main) mode: 2.7 V
≤ VDD ≤ 5.5 V@1 MHz to 24 MHz
2.4 V
≤ VDD ≤ 5.5 V@1 MHz to 16 MHz
LS (low-speed main) mode: 1.8 V
≤ VDD ≤ 5.5 V@1 MHz to 8 MHz
LV (low-voltage main) mode: 1.6 V
≤ VDD ≤ 5.5 V@1 MHz to 4 MHz
8.
Regarding the value for current to operate the subsystem clock in STOP mode, refer to that in HALT mode.
Remarks 1.
fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system clock
frequency)
2.
fHOCO: High-speed on-chip oscillator clock frequency (48 MHz max.)
3.
fIH:
High-speed on-chip oscillator clock frequency (24 MHz max.)
4.
fSUB:
Subsystem clock frequency (XT1 clock oscillation frequency)
5.
Except subsystem clock operation and STOP mode, temperature condition of the TYP. value is TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com