Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGG Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F10WMGG
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGG Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F10WMGG Datasheet HTML 24Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 25Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 26Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 27Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 28Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 29Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 30Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 31Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 28 of 123
2.4 AC Characteristics
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction cycle (minimum
instruction execution time)
TCY
Main system
clock (fMAIN)
operation
HS (high-speed
main) mode
2.7 V
≤ VDD ≤ 5.5 V
0.0417
1
μs
2.4 V
≤ VDD < 2.7 V
0.0625
1
μs
LS (low-speed
main) mode
1.8 V
≤ VDD ≤ 5.5 V
0.125
1
μs
LV (low-voltage
main) mode
1.6 V
≤ VDD ≤ 5.5 V
0.25
1
μs
Subsystem clock (fSUB)
operationNote
1.8 V
≤ VDD ≤ 5.5 V
28.5
30.5
31.3
μs
In the self
programming
mode
HS (high-speed
main) mode
2.7 V
≤ VDD ≤ 5.5 V
0.0417
1
μs
2.4 V
≤ VDD < 2.7 V
0.0625
1
μs
LS (low-speed
main) mode
1.8 V
≤ VDD ≤ 5.5 V
0.125
1
μs
LV (low-voltage
main) mode
1.8 V
≤ VDD ≤ 5.5 V
0.25
1
μs
External system clock
frequency
fEX
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
2.4 V
≤ VDD < 2.7 V
1.0
16.0
MHz
1.8 V
≤ VDD < 2.4 V
1.0
8.0
MHz
1.6 V
≤ VDD < 1.8 V
1.0
4.0
MHz
fEXS
32
35
kHz
External system clock input
high-level width, low-level
width
tEXH,
tEXL
2.7 V
≤ VDD ≤ 5.5 V
24
ns
2.4 V
≤ VDD < 2.7 V
30
ns
1.8 V
≤ VDD < 2.4 V
60
ns
1.6 V
≤ VDD < 1.8 V
120
ns
tEXHS,
tEXLS
13.7
μs
TI00 to TI07 input high-level
width, low-level width
tTIH,
tTIL
1/fMCK+10
ns
TO00 to TO07, TKBO00,
TKBO01-0 to TKBO01-2
output frequency
fTO
HS (high-speed main) mode
4.0 V
≤ VDD ≤ 5.5 V
12
MHz
2.7 V
≤ VDD < 4.0 V
8
MHz
2.4 V
≤ VDD < 2.7 V
4
MHz
LV (low-voltage main) mode
1.6 V
≤ VDD ≤ 5.5 V
2
MHz
LS (low-speed main) mode
1.8 V
≤ VDD ≤ 5.5 V
4
MHz
PCLBUZ0, PCLBUZ1 output
frequency
fPCL
HS (high-speed main) mode
4.0 V
≤ VDD ≤ 5.5 V
16
MHz
2.7 V
≤ VDD < 4.0 V
8
MHz
2.4 V
≤ VDD < 2.7 V
4
MHz
LV (low-voltage main) mode
1.8 V
≤ VDD ≤ 5.5 V
4
MHz
1.6 V
≤ VDD < 1.8 V
2
MHz
LS (low-speed main) mode
1.8 V
≤ VDD ≤ 5.5 V
4
MHz
Interrupt input high-level width,
low-level width
tINTH,
tINTL
INTP0 to INTP7
1.6 V
≤ VDD ≤ 5.5 V
1
μs
Key interrupt input high-level
width, low-level width
tKRH, tKRL KR0 to KR7
1.8 V
≤ VDD ≤ 5.5 V
250
ns
1.6 V
≤ VDD < 1.8 V
1
μs
IH-PWM output restart input
high-level width
tIHR
INTP0 to INTP7
2
fCLK
TMKB2 forced output stop
input high-level width
tIHR
INTP0 to INTP2
2
fCLK
RESET low-level width
tRSL
10
μs
(Note and Remark are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com