Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F10WMGG
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGG Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F10WMGG Datasheet HTML 1Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 2Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 3Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 4Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 5Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 6Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 7Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 8Page - Renesas Technology Corp R5F10WMGG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
RL78/L13
1. OUTLINE
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 3 of 123
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/L13
Part No.
R 5 F 1 0 W L E A x x x F B #30
Package type:
ROM number (Omitted with blank products)
ROM capacity:
RL78/L13 group
Renesas MCU
Renesas semiconductor product
A : 16 KB
C : 32 KB
D : 48 KB
E : 64 KB
F : 96 KB
G : 128 KB
Pin count:
L : 64-pin
M : 80-pin
Fields of application:
Memory type:
F : Flash memory
Packaging specification
#30 : Tray (LFQFP, LQFP)
#50 : Embossed Tape (LFQFP, LQFP)
FA : LQFP, 0.65 mm pitch
FB : LFQFP, 0.50 mm pitch
A : Consumer applications, TA =
−40˚C to +85˚C
G : Industrial applications, TA =
−40˚C to +105˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com