Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 107Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 108Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 109Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 110Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 111Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 112Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 113Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 114Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 111 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0009 0420h
CAN0
FIFO Received ID Compare Register 0
FIDCR0
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0424h
CAN0
FIFO Received ID Compare Register 1
FIDCR1
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0428h
CAN0
Mask Invalid Register
MKIVLR
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 042Ch
CAN0
Mailbox Interrupt Enable Register
MIER
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0820h to
0009 083Fh
CAN0
Message Control Registers 0 to 31
MCTL0 to 31
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0840h
CAN0
Control Register
CTLR
16
8, 16
2, 3 PCLKB
2 ICLK
CAN
0009 0842h
CAN0
Status Register
STR
16
8, 16
2, 3 PCLKB
2 ICLK
CAN
0009 0844h
CAN0
Bit Configuration Register
BCR
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0848h
CAN0
Receive FIFO Control Register
RFCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0849h
CAN0
Receive FIFO Pointer Control Register
RFPCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Ah
CAN0
Transmit FIFO Control Register
TFCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Bh
CAN0
Transmit FIFO Pointer Control Register
TFPCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Ch
CAN0
Error Interrupt Enable Register
EIER
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Dh
CAN0
Error Interrupt Factor Judge Register
EIFR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Eh
CAN0
Receive Error Count Register
RECR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Fh
CAN0
Transmit Error Count Register
TECR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0850h
CAN0
Error Code Store Register
ECSR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0851h
CAN0
Channel Search Support Register
CSSR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0852h
CAN0
Mailbox Search Status Register
MSSR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0853h
CAN0
Mailbox Search Mode Register
MSMR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0854h
CAN0
Time Stamp Register
TSR
16
16
2, 3 PCLKB
2 ICLK
CAN
0009 0856h
CAN0
Acceptance Filter Support Register
AFSR
16
8, 16
2, 3 PCLKB
2 ICLK
CAN
0009 0858h
CAN0
Test Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 1200h to
0009 13FFh
CAN1
Mailbox Registers 0 to 31
MB0 to 31
128
8, 16,
32*6
2, 3 PCLKB
2 ICLK
CAN
0009 1400h to
0009 141Fh
CAN1
Mask Registers 0 to 7
MKR0 to 7
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 1420h
CAN1
FIFO Received ID Compare Register 0
FIDCR0
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 1424h
CAN1
FIFO Received ID Compare Register 1
FIDCR1
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 1428h
CAN1
Mask Invalid Register
MKIVLR
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 142Ch
CAN1
Mailbox Interrupt Enable Register
MIER
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 1820h to
0009 183Fh
CAN1
Message Control Registers 0 to 31
MCTL0 to 31
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 1840h
CAN1
Control Register
CTLR
16
8, 16
2, 3 PCLKB
2 ICLK
CAN
0009 1842h
CAN1
Status Register
STR
16
8, 16
2, 3 PCLKB
2 ICLK
CAN
0009 1844h
CAN1
Bit Configuration Register
BCR
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 1848h
CAN1
Receive FIFO Control Register
RFCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 1849h
CAN1
Receive FIFO Pointer Control Register
RFPCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 184Ah
CAN1
Transmit FIFO Control Register
TFCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 184Bh
CAN1
Transmit FIFO Pointer Control Register
TFPCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 184Ch
CAN1
Error Interrupt Enable Register
EIER
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 184Dh
CAN1
Error Interrupt Factor Judge Register
EIFR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 184Eh
CAN1
Receive Error Count Register
RECR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 184Fh
CAN1
Transmit Error Count Register
TECR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 1850h
CAN1
Error Code Store Register
ECSR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 1851h
CAN1
Channel Search Support Register
CSSR
8
8
2, 3 PCLKB
2 ICLK
CAN
Table 4.1
List of I/O Registers (Address Order) (40 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com