Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 109Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 110Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 111Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 112Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 113Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 114Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 115Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 116Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 113 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0009 42A0h
CMTW1 Output Compare Register 0
CMWOCR0
32
32
2, 3 PCLKB
2 ICLK
CMTW
0009 42A4h
CMTW1 Output Compare Register 1
CMWOCR1
32
32
2, 3 PCLKB
2 ICLK
CMTW
0009 8000h to
0009 D6BFh
SRC
Filter Coefficient Table
SRCFCTR0
to 5551
32
32
4, 5 PCLKB
2, 3 ICLK
SRC
0009 DFF0h
SRC
Input Data Register
SRCID
32
32
5, 6 PCLKB
2, 3 ICLK
SRC
0009 DFF4h
SRC
Output Data Register
SRCOD
32
32
5, 6 PCLKB
2, 3 ICLK
SRC
0009 DFF8h
SRC
Input Data Control Register
SRCIDCTRL
16
16
4, 5 PCLKB
2, 3 ICLK
SRC
0009 DFFAh
SRC
Output Data Control Register
SRCODCTRL
16
16
4, 5 PCLKB
2, 3 ICLK
SRC
0009 DFFCh
SRC
Control Register
SRCCTRL
16
16
4, 5 PCLKB
2, 3 ICLK
SRC
0009 DFFEh
SRC
Status Register
SRCSTAT
16
16
4, 5 PCLKB
2, 3 ICLK
SRC
000A 0000h
USB0
System Configuration Control Register
SYSCFG
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 0004h
USB0
System Configuration Status Register 0
SYSSTS0
16
16
9 PCLKB
or more
Rounded up to the
nearest integer
greater than 1 + 9 ×
(frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0008h
USB0
Device State Control Register 0
DVSTCTR0
16
16
9 PCLKB
or more
Rounded up to the
nearest integer
greater than 1 + 9 ×
(frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0014h
USB0
CFIFO Port Register
CFIFO
16
8, 16
3, 4 PCLKB
2 ICLK
USBb
000A 0018h
USB0
D0FIFO Port Register
D0FIFO
16
8, 16
3, 4 PCLKB
2 ICLK
USBb
000A 001Ch
USB0
D1FIFO Port Register
D1FIFO
16
8, 16
3, 4 PCLKB
2 ICLK
USBb
000A 0020h
USB0
CFIFO Port Select Register
CFIFOSEL
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 0022h
USB0
CFIFO Port Control Register
CFIFOCTR
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 0028h
USB0
D0FIFO Port Select Register
D0FIFOSEL
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 002Ah
USB0
D0FIFO Port Control Register
D0FIFOCTR
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 002Ch
USB0
D1FIFO Port Select Register
D1FIFOSEL
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 002Eh
USB0
D1FIFO Port Control Register
D1FIFOCTR
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 0030h
USB0
Interrupt Enable Register 0
INTENB0
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0032h
USB0
Interrupt Enable Register 1
INTENB1
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0036h
USB0
BRDY Interrupt Enable Register
BRDYENB
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0038h
USB0
NRDY Interrupt Enable Register
NRDYENB
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 003Ah
USB0
BEMP Interrupt Enable Register
BEMPENB
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 003Ch
USB0
SOF Output Configuration Register
SOFCFG
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0040h
USB0
Interrupt Status Register 0
INTSTS0
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0042h
USB0
Interrupt Status Register 1
INTSTS1
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0046h
USB0
BRDY Interrupt Status Register
BRDYSTS
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0048h
USB0
NRDY Interrupt Status Register
NRDYSTS
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 004Ah
USB0
BEMP Interrupt Status Register
BEMPSTS
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 004Ch
USB0
Frame Number Register
FRMNUM
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 004Eh
USB0
Device State Change Register
DVCHGR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
Table 4.1
List of I/O Registers (Address Order) (42 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com