Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 149Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 150Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 151Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 152Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 153Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 154Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 155Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 156Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 153 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
5.3.3
Timing of Recovery from Low Power Consumption Modes
Note 1. The time for return after release from software standby is determined by the value obtained by adding the oscillation stabilization
waiting time (tSBYOSCWTO) and the time required for operations by the software standby release sequencer (tSBYSEQ).
Note 2. When several oscillators were running before the transition to software standby, the greatest value of the oscillation stabilization
waiting time tSBYOSCWT is selected.
Note 3. For n, the greatest value is selected from among the internal clock division settings.
Note 4. This condition applies when fICLK:fFCLK = 1:1, 2:1, or 4:1.
Table 5.18
Timing of Recovery from Low Power Consumption Modes (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
Min. Typ.
Max.
Unit
Test
Conditions
tSBYOSCWT*2
tSBYSEQ*3
Recovery time
after
cancellation of
software
standby
mode*1
Crystal
resonator
connected to
main clock
oscillator
Main clock
oscillator
operating
tSBYMC
—
—
{( MSTS[7:0] bits ×
32 ) + 76 } / 0.216
100
μs + 7/f
ICLK +
2n/fMAIN
μs
Figure 5.12
Main clock
oscillator and
PLL circuit
operating
tSBYPC
{( MSTS[7:0] bits ×
32 ) + 138 } / 0.216
100
μs + 7/f
ICLK +
2n/fPLL
External clock
input to main
clock oscillator
Main clock
oscillator
operating
tSBYEX
352
100
μs + 7/f
ICLK +
2n/fEXMAIN
Main clock
oscillator and
PLL circuit
operating
tSBYPE
639
100
μs + 7/f
ICLK +
2n/fPLL
Sub-clock oscillator operating
tSBYSC
{( SSTS[7:0] bits ×
16384 ) + 13 } /
0.216 + 10/fFCLK
100
μs + 4/f
ICLK +
2n/fSUB
High-speed
on-chip
oscillator
operating
High-speed
on-chip
oscillator
operating
tSBYHO
454
100
μs + 7/f
ICLK +
2n/fHOCO
High-speed
on-chip
oscillator
operating and
PLL circuit
operating
tSBYPH
741
100
μs + 7/f
ICLK +
2n/fPLL
Low-speed on-chip oscillator
operating*4
tSBYLO
338
100
μs + 7/f
ICLK +
2n/fLOCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com