Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 189Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 190Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 191Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 192Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 193Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 194Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 195Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 196Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 193 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
Note 1. tPBcyc: PCLKB cycle
Note 2. We recommend using pins that have a letter (“-A”, “-B”, etc.) to indicate group membership appended to their names as groups.
For the MMC interface, the AC portion of the electrical characteristics is measured for each group.
Figure 5.61
MMC Interface
Table 5.39
MMC Host Interface Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.*1
Max.
Unit
Test
Conditions*2
MMCIF
MMC_CLK clock cycle
tMMCPP
2 × tPBcyc
—
ns
Figure 5.61
MMC_CLK clock high level width
tMMCWH
6.5
—
ns
MMC_CLK clock low level width
tMMCWL
6.5
—
ns
MMC_CLK clock rising time
tMMCLH
—5
ns
MMC_CLK clock falling time
tMMCHL
—5
ns
MMC_CMD, MMC_D7 to MMC_D0 output data delay
(data transfer mode)
tMMCODLY
–6.5
6.5
ns
MMC_CMD, MMC_D7 to MMC_D0 input data setup
tMMCISU
8—
ns
MMC_CMD, MMC_D7 to MMC_D0 input data hold
tMMCIH
2—
ns
tMMCPP
tMMCWL
tMMCWH
tMMCHL
tMMCLH
tMMCISU
tMMCIH
tMMCODLY (max)
tMMCODLY (min)
MMC_CLK
MMC_CMD,
MMC_D7 to MMC_D0 input
MMC_CMD,
MMC_D7 to MMC_D0 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com