Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 216Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 217Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 218Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 219Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 220Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 221Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 222Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 223Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 220 of 228
Oct 24, 2016
RX64M Group
Appendix 1. Package Dimensions
Figure C 176-Pin LFQFP (PLQP0176KB-A)
NOTE)
1. DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
b
p
b
1
*1
D
H
D
Terminal cross section
Detail F
L
F
M
S
S
y
e
L
1
x
b
p
*3
Index mark
Z
D
1
176
133
132
89
88
45
44
23.924.024.1
23.924.0
1.4
24.1
25.826.026.2
25.826.026.2
0.05
0.1
0.18
0.15
0.15
0.20
0.25
0.09 0.145
0.125
0.5
1.0
1.25
1.25
0°
8°
0.20
0.35
0.50.65
0.08
0.10
1.7
JEITA Package Code
RENESAS Code
Previous Code
MASS[Typ.]
P-LFQFP176-24x24-0.50
PLQP0176KB-A
176P6Q-A/FP-176E/FP-176EV
1.8g
L1
c1
θ
b1
A1
A2
A
bp
HE
E
D
HD
ZE
ZD
L
y
x
e
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com