Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 212Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 213Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 214Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 215Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 216Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 217Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 218Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 219Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 216 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
5.12
Boundary Scan
Figure 5.86
Boundary Scan TCK Timing
Figure 5.87
Boundary Scan TRST# Timing
Table 5.55
Boundary Scan Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
TCK clock cycle time
tTCKcyc
100
――
ns
Figure 5.86
TCK clock high pulse width
tTCKH
45
――
ns
TCK clock low pulse width
tTCKL
45
――
ns
TCK clock rise time
tTCKr
――
5ns
TCK clock fall time
tTCKf
――
5ns
TRST# pulse width
tTRSTW
20
――
tTCKcyc
Figure 5.87
TMS setup time
tTMSS
20
――
ns
Figure 5.88
TMS hold time
tTMSH
20
――
ns
TDI setup time
tTDIS
20
――
ns
TDI hold time
tTDIH
20
――
ns
TDO data delay time
tTDOD
――
40
ns
TCK
tTCKcyc
tTCKH
tTCKf
tTCKL
tTCKr
RES#
TRST#
TCK
tTRSTW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com