Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 209Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 210Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 211Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 212Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 213Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 214Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 215Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 216Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 213 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
5.11
Flash Memory Characteristics
Note 1. Definition of reprogram/erase cycle:
The reprogram/erase cycle is the number of erasing for each block. When the reprogram/erase cycle is n times (n = 1000),
erasing can be performed n times for each block. For instance, when 256-byte programming is performed 32 times for different
addresses in 8-Kbyte block and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasing is not enabled (overwriting is prohibited).
Note 2. This is the minimum number of times to guarantee all the characteristics after reprogramming (guaranteed range is from 1 to the
value of the minimum value).
Note 3. This shows the characteristics when reprogramming is performed within the specified range, including the minimum value.
Table 5.53
Code Flash Memory Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V
Temperature range for programming/erasure: Ta = Topr
Item
Symbol
FCLK = 4 MHz
20 MHz
≤ FCLK ≤ 60 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
NPEC  100 times
256 bytes
tP256
—0.9
13.2
—0.4
6
ms
8 Kbytes
tP8K
—
29
176
—
13
80
ms
32 Kbytes
tP32K
—
116
704
—
52
320
ms
Programming time
NPEC > 100 times
256 bytes
tP256
—1.1
15.8
—0.5
7.2
ms
8 Kbytes
tP8K
—
35
212
—
16
96
ms
32 Kbytes
tP32K
—
140
848
—
64
384
ms
Erasure time
NPEC  100 times
8 Kbytes
tE8K
—
71
216
—
39
120
ms
32 Kbytes
tE32K
—
254
864
—
141
480
ms
Erasure time
NPEC > 100 times
8 Kbytes
tE8K
—
85
260
—
47
144
ms
32 Kbytes
tE32K
—
304
1040
—
169
576
ms
Reprogramming/erasure cycle*1
NPEC
1000*2
—
—
1000*2
——
Times
Suspend delay time during programming
tSPD
—
—
264
—
—
120
μs
First suspend delay time during erasing
(in suspend priority mode)
tSESD1
—
—
216
—
—
120
μs
Second suspend delay time during
erasure
(in suspend priority mode)
tSESD2
——
1.7
——
1.7
ms
Suspend delay time during erasure
(in erasure priority mode)
tSEED
——
1.7
——
1.7
ms
Forced stop command
tFD
——
32
——
20
μs
Data hold time*3
tDRP
10
—
—
10
—
—
Year
FCU reset time
tFCUR
35
—
—
35
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com