Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 220Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 221Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 222Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 223Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 224Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 225Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 226Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 227Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 228Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 225 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 225 of 228
Oct 24, 2016
RX64M Group
REVISION HISTORY
Classifications
- Items with Technical Update document number: Changes according to the corresponding issued Technical Update
- Items without Technical Update document number: Minor changes that do not require Technical Update to be issued
REVISION HISTORY
RX64M Group Datasheet
Rev.
Date
Description
Page
Summary
0.90
Feb 28, 2014
—
First edition, issued
1.00
Jul 31, 2014
Summary
1
■ Data transfer, changed
1. Overview
—
FINEC (Pin), deleted
2
Table 1.1 Outline of Specifications (1/9), changed
3
Table 1.1 Outline of Specifications (2/9), changed
6
Table 1.1 Outline of Specifications (5/9), changed
7
Table 1.1 Outline of Specifications (6/9), changed
8
Table 1.1 Outline of Specifications (7/9), changed
9
Table 1.1 Outline of Specifications (8/9), changed
10
Table 1.1 Outline of Specifications (9/9), changed
16
Figure 1.1 How to Read the Product Part Number, changed
19
Table 1.4 Pin Functions (2/8), changed
20
Table 1.4 Pin Functions (3/8), changed
25
Table 1.4 Pin Functions (8/8), note added
2. CPU, added
3. Address Space, added
4. I/O Registers, added
5. Electrical Characteristics, added
Appendix 1. Package Dimensions, added
Rev.
Date
Description
Classification
Page
Summary
1.10
Oct 24, 2016
All
Terms unified:
GPTa
→ GPTA
LQFP
→ LFQFP
Features
1
AES key lengths, changed
TN-RX*-A122A/E
1. Overview
2
Table 1.1 Outline of Specifications (1/9), changed
TN-RX*-A127A/E
5
Table 1.1 Outline of Specifications (4/9), changed
10
Table 1.1 Outline of Specifications (9/9), changed
TN-RX*-A122A/E
28
Figure 1.5 Pin Assignment (176-Pin LFQFP), changed
48
Table 1.7 List of Pin and Pin Functions (145-Pin TFLGA) (2/5), changed
49
Table 1.7 List of Pin and Pin Functions (145-Pin TFLGA) (3/5), changed
52
Table 1.8 List of Pin and Pin Functions (144-Pin LFQFP) (1/5), changed
55
Table 1.8 List of Pin and Pin Functions (144-Pin LFQFP) (4/5), changed
58
Table 1.9 List of Pin and Pin Functions (100-Pin TFLGA) (2/4), changed
59
Table 1.9 List of Pin and Pin Functions (100-Pin TFLGA) (3/4), changed
63
Table 1.10 List of Pin and Pin Functions (100-Pin LFQFP) (3/4), changed
4. I/O Registers
71
(4) Notes on Sleep Mode and Mode Transitions, added
73
Table 4.1 List of I/O Registers (Address Order) (2 / 67)
0008 1200h, 0008 1201h, 0008 1204h, 0008 1208h, added
TN-RX*-A127A/E
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com