Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300 Datasheet(PDF) 47 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 47 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 51Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 47 OF 109
09/25/03 Revision 1.09
Posted write transactions, comprised of memory write and memory write and
invalidate transactions.
Posted write transactions complete at the source before they complete at the destination;
that is, data is written into intermediate data buffers before it reaches the target.
Delayed write request transactions, comprised of I/O write and configuration write
transactions.
Delayed write requests are terminated by target retry on the initiator bus and are queued
in the delayed transaction queue. A delayed write transaction must complete on the target
bus before it completes on the initiator bus.
Delayed write completion transactions, comprised of I/O write and configuration
write transactions.
Delayed write completion transactions complete on the target bus, and the target response
is queued in the buffers. A delayed write completion transaction proceeds in the direction
opposite that of the original delayed write request; that is, a delayed write completion
transaction proceeds from the target bus to the initiator bus.
Delayed read request transactions, comprised of all memory read, I/O read, and
configuration read transactions.
Delayed read requests are terminated by target retry on the initiator bus and are queued in
the delayed transaction queue.
Delayed read completion transactions, comprised of all memory read, I/O read, &
configuration read transactions.
Delayed read completion transactions complete on the target bus, and the read data is
queued in the read data buffers. A delayed read completion transaction proceeds in the
direction opposite that of the original delayed read request; that is, a delayed read
completion transaction proceeds from the target bus to the initiator bus.
PI7C7300A does not combine or merge write transactions:
!
PI7C7300A does not combine separate write transactions into a single write
transaction—this optimization is best implemented in the originating master.
!
PI7C7300A does not merge bytes on separate masked write transactions to the same
DWORD address—this optimization is also best implemented in the originating
master.
!
PI7C7300A does not collapse sequential write transactions to the same address into
a single write transaction—the PCI Local Bus Specification does not permit this
combining of transactions.
6.2
GENERAL ORDERING GUIDELINES
Independent transactions on primary and secondary buses have a relationship only when
those transactions cross PI7C7300A.
The following general ordering guidelines govern transactions crossing PI7C7300A:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com