Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300 Datasheet(PDF) 95 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 95 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 99Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 95 OF 109
09/25/03 Revision 1.09
16.1
BOUNDARY SCAN ARCHITECTURE
Boundary-scan test logic consists of a boundary-scan register and support logic. These
are accessed through a Test Access Port (TAP). The TAP provides a simple serial
interface that allows all processor signal pins to be driven and/or sampled, thereby
providing direct control and monitoring of processor pins at the system level.
This mode of operation is valuable for design debugging and fault diagnosis since it
permits examination of connections not normally accessible to the test system. The
following subsections describe the boundary-scan test logic elements: TAP pins,
instruction register, test data registers and TAP controller. Error! Reference source not
found. illustrates how these pieces fit together to form the JTAG unit.
Figure 16-1 TEST ACCESS PORT BLOCK DIAGRAM
16.1.1
TAP PINS
The PI7C7300A’s TAP pins form a serial port composed of four input connections
(TMS, TCK, TRST# and TDI) and one output connection (TDO). These pins are
described in Table 16-1. The TAP pins provide access to the instruction register and the
test data registers.
16.1.2
INSTRUCTION REGISTER
The Instruction Register (IR) holds instruction codes. These codes are shifted in through
the Test Data Input (TDI) pin. The instruction codes are used to select the specific test
operation to be performed and the test data register to be accessed.
The instruction register is a parallel-loadable, master/slave-configured 4-bit wide, serial-
shift register with latched outputs. Data is shifted into and out of the IR serially through
the TDI pin clocked by the rising edge of TCK. The shifted-in instruction becomes active
upon latching from the master stage to the slave stage. At that time the IR outputs along



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com