Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300 Datasheet(PDF) 34 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 34 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 38Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 34 OF 109
09/25/03 Revision 1.09
!
The register number in address bits AD[7:2] is equal to 000000b.
!
The bus number is equal to the value in the secondary bus number register in
configuration space for downstream forwarding or equal to the value in the primary
bus number register in configuration space for upstream forwarding.
!
The bus command on CBE# is a configuration write command.
When PI7C7300A initiates the transaction on the target interface, the bus command is
changed from configuration write to special cycle. The address and data are for-warded
unchanged. Devices that use special cycles ignore the address and decode only the bus
command. The data phase contains the special cycle message. The transaction is
forwarded as a delayed transaction, but in this case the target response is not forwarded
back (because special cycles result in a master abort). Once the transaction is completed
on the target bus, through detection of the master abort condition, PI7C7300A responds
with TRDY# to the next attempt of the con-figuration transaction from the initiator. If
more than one data transfer is requested, PI7C7300A responds with a target disconnect
operation during the first data phase.
4.9
TRANSACTION TERMINATION
This section describes how PI7C7300A returns transaction termination conditions back
to the initiator. The initiator can terminate transactions with one of the following types
of termination:
!
Normal termination
Normal termination occurs when the initiator de-asserts FRAME# at the beginning of the
last data phase, and de-asserts IRDY# at the end of the last data phase in conjunction
with either TRDY# or STOP# assertion from the target.
!
Master abort
A master abort occurs when no target response is detected. When the initiator does not
detect a DEVSEL# from the target within five clock cycles after asserting FRAME#, the
initiator terminates the transaction with a master abort. If FRAME# is still asserted, the
initiator de-asserts FRAME# on the next cycle, and then de-asserts IRDY# on the
following cycle. IRDY# must be asserted in the same cycle in which FRAME# de-
asserts. If FRAME# is already de-asserted, IRDY# can be de-asserted on the next clock
cycle following detection of the master abort condition.
The target can terminate transactions with one of the following types of termination:
!
Normal termination
TRDY# and DEVSEL# asserted in conjunction with FRAME# de-asserted and IRDY#
asserted.
!
Target retry
STOP# and DEVSEL# asserted with TRDY# de-asserted during the first data phase. No
data transfers occur during the transaction. This transaction must be repeated.
!
Target disconnect with data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com