Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 43 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 39Page - Texas Instruments TNETX3150A Datasheet HTML 40Page - Texas Instruments TNETX3150A Datasheet HTML 41Page - Texas Instruments TNETX3150A Datasheet HTML 42Page - Texas Instruments TNETX3150A Datasheet HTML 43Page - Texas Instruments TNETX3150A Datasheet HTML 44Page - Texas Instruments TNETX3150A Datasheet HTML 45Page - Texas Instruments TNETX3150A Datasheet HTML 46Page - Texas Instruments TNETX3150A Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
43
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
lookup table SRAM allocation (continued)
Table 0 (Root)
Table 1
Table 2
Table 3
Table 4
Table 5
Table 6
Table 7
Table 8
Table Level 9
is 8 Address Descriptor Blocks
Bits 47–43
Bits 42–38
Bits 37–33
Bits 32–28
Bits 27–23
Bits 22–18
Bits 17–33
Bits 12–8
Bits 7–3
Bits 2–0
Figure 10. Address Tables
The last level decodes only bits 2–0 of the address, therefore, only eight unique locations are required. Since
tables are allocated 32 words at a time, the last table is divided into eight four-word units. The lower eight bits
of each word hold one byte of the address descriptor block as shown in Figure 11.
BYTE 1
BYTE 2
BYTE 3
BYTE 4
Flags/port code
Reserved
MSG age stamp
LSB age stamp
Figure 11. Address Descriptor Block Format
Since only the first byte of the address descriptor block is required to make a forwarding decision, an address
lookup requires 40 ns to access each of 10 levels for a total 400-ns lookup time plus an internal setup cycle.
The total time required (400 ns + 20 ns) gives some margin to generate the EAM code in time for the
TNETX3150/TNETX3150A/TNETX3100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com