Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 75 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 75 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 70Page - Texas Instruments TNETX3150A Datasheet HTML 71Page - Texas Instruments TNETX3150A Datasheet HTML 72Page - Texas Instruments TNETX3150A Datasheet HTML 73Page - Texas Instruments TNETX3150A Datasheet HTML 74Page - Texas Instruments TNETX3150A Datasheet HTML 75Page - Texas Instruments TNETX3150A Datasheet HTML 76Page - Texas Instruments TNETX3150A Datasheet HTML 77Page - Texas Instruments TNETX3150A Datasheet HTML 78Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
75
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
TNETX15AE/TNETX3150/TNETX3150A stand-alone applications
unmanaged switch
The simplest application for the TNETX15AE device is shown in Figure 28. This is an unmanaged multiport
switch. The TNETX15AE is responsible for matching addresses, learning addresses, and for eliminating (aging
out) old addresses. The TNETX15AE also provides options to the manufacturer through its EEPROM. The
manufacturer could program this EEPROM through a parallel-port interface to the TNETX15AE. Options that
can be set are SRAM size, the aging time, and where unknown unicast and multicast frames go. This is the
lowest-cost solution for an unmanaged multinode-per-port switch. This is the architecture of the TI evaluation
module (EVM).
PHY
PHY
PHY
TNETX3150/
TNETX3150A
EEPROM
OSC
TNETX15AE
Parallel Port
SRAM
DIO
Multiports
EEPROM
Figure 28. Lowest Cost Unmanaged Multiport Switch
managed switch
The microprocessor (CPU) interfaces to the TNETX3150/TNETX3150A/TNETX3100 through a common DIO
interface. The microprocessor also can manage any PHY through an IEEE Std 802.3u MII interface using the
SIO register in the TNETX15AE.
The microprocessor’s tasks are minimized mainly because the CPU does not have to participate in frame
matching. The microprocessor is used to set TNETX15AE/TNETX3150/TNETX3150A modes, secure
addresses so that the node does not move ports (useful for routers, attached switches, and servers), and
respond to control MIB requests.
The TNETX15AE is designed for easy management of the lookup table. Address-table lookups, adds, edits,
and deletes are performed easily through the TNETX15AE registers. Interrupt support in the TNETX15AE also
simplifies the management tasks. The TNETX15AE can give an interrupt to the CPU when the lookup table
changes due to a wire event. This minimizes code, as the CPU does not have to actively poll a large address
table for changes.
In-band signaling (see Figure 29) must be done with a MAC device connected to one of the switch ports. There
is no access to the data stream via the DIO port on the TNETX3150/TNETX3150A/TNETX3100 or the
TNETX15AE. Both devices affect the ability of a port to receive or forward packets; the packet itself is received
and transmitted via a regular switch port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com