Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 62 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 62 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 58Page - Texas Instruments TNETX3150A Datasheet HTML 59Page - Texas Instruments TNETX3150A Datasheet HTML 60Page - Texas Instruments TNETX3150A Datasheet HTML 61Page - Texas Instruments TNETX3150A Datasheet HTML 62Page - Texas Instruments TNETX3150A Datasheet HTML 63Page - Texas Instruments TNETX3150A Datasheet HTML 64Page - Texas Instruments TNETX3150A Datasheet HTML 65Page - Texas Instruments TNETX3150A Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
62
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
ADD interrupts (NEW, NEWM, CHNG, CHNGM, SECVIO, SECVIOM, and FULL) (continued)
The add interrupts are indicated in the interrupt register and the information for the particular interrupt is placed
in the newnode and newport registers. Since there is only one set of registers that is shared for these interrupts,
and to ensure that the information placed in these registers is not corrupted during reads, ADD locks the
newnode and newport registers until the most-significant byte of newport is read.
Locking these registers means that ADD does not have a place to put information for new events. If additional
events are missed, they are indicated in the int register as missed interrupts (NEWM, CHNGM, and SECVIOM).
On a NEW interrupt, the newport register contains information about the port for the new address. On a CHNG
interrupt, this register identifies the new port address. On a SECVIO interrupt, the address does not move to
the port, but the newport register indicates the port to which it tried to move.
aging interrupts (AGE, AGEM)
When an address is aged out by the internal AGE logic, it generates an interrupt and reports about that address
in the following registers:
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
Agednode23–Agednode16
Agednode31–Agednode24
Agednode39–Agednode32
Agednode47–Agednode40
0x40
Agedport
Agednode7–Agednode0
Agednode15–Agednode8
0x44
AGE indicates an interrupt every time that it ages out a node. It places the information on the node (being aged
out) on the agednode register, the node’s port on agedport. These registers are locked when a new interrupt
is given to protect the information contained.
Missed interrupts due to these registers being locked are indicated as an AGEM interrupt. These registers are
unlocked when the agedport register is read.
statistic interrupt (STAT)
The statistic interrupt is given when one of the statistic registers (except for numnodes) becomes one-half full;
the most-significant bit becomes a 1. This is an indication to the management CPU that the statistic registers
should be read to avoid counter overrun. Reading the most-significant byte of a statistic counter, except for
numnodes, clears it. The host should read least-significant byte, then most-significant byte, and be prepared
for a carry between byte reads.
If a carry took place between byte needs, the statistic count will appear to have jumped by 255 instead of one
count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com